Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 45 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 41Page - STMicroelectronics VV6501 Datasheet HTML 42Page - STMicroelectronics VV6501 Datasheet HTML 43Page - STMicroelectronics VV6501 Datasheet HTML 44Page - STMicroelectronics VV6501 Datasheet HTML 45Page - STMicroelectronics VV6501 Datasheet HTML 46Page - STMicroelectronics VV6501 Datasheet HTML 47Page - STMicroelectronics VV6501 Datasheet HTML 48Page - STMicroelectronics VV6501 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
45/60
VV6501
Electrical Characteristics
6.4.3
Regulators
Table 20: Electrical characteristics of regulators
Symbol
Parameter description
Min.
Typ.
Max.
Unit
5V bandgap
VBG
Bandgap voltage
1.08
1.2
1.38
V
IBG
Bandgap current drive capability
10
µA
Digital regulator 1
VDIG3V3
Regulated output voltage, (ILOAD < 300 mA)
3.0
3.3
3.6
V
ILOAD
Output current drive capability
200
300
mA
PSRR
10 Hz < Freq <10 kHz, C = 1 µF, relative to Vbus
voltage swing over operating range
40
dB
Digital regulator 2
VDIG1V8
Regulated output voltage (ILOAD < 50 mA)
1.62
1.8
1.98
V
ILOAD
Output current drive capability
-
100
200
mA
PSRR
10 Hz < frequency <10 kHz, C = 1 µF, relative to
Vbus voltage swing over operating range
40
dB
Audio and video regulators
VVIDEO
3.3 V video regulator
3.0
3.3
3.4
V
IVIDEO
Video current drive capability
10
mA
VAUDIO
3.3 V audio regulator
3.0
3.3
3.4
V
IAUDIO
Audio current drive capability
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com