Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 58 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 52Page - STMicroelectronics VV6501 Datasheet HTML 53Page - STMicroelectronics VV6501 Datasheet HTML 54Page - STMicroelectronics VV6501 Datasheet HTML 55Page - STMicroelectronics VV6501 Datasheet HTML 56Page - STMicroelectronics VV6501 Datasheet HTML 57Page - STMicroelectronics VV6501 Datasheet HTML 58Page - STMicroelectronics VV6501 Datasheet HTML 59Page - STMicroelectronics VV6501 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
Design-In Information
VV6501
58/60
10
Design-In Information
10.1
Basic support circuit
10.2
Transistor choice
The ZTX749 has a high min. HFE (lower on-chip current). It is also inexpensive and has good heat
dissipation.
10.3
Pin 1 and image orientation
Please note that for the sensor array to produce a correctly aligned image, pin 1 should be located
at the ‘top’ rather than 180 degrees rotated at the ‘bottom’ (see
Figure 3).
Figure 37 : Basic support circuit
VV6501
Video
Digital
6
7
8
9
10
11
12
13
14
PORB
SUSPEND
CLKIN
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
n/c
n/c
AUDOUTP
AUDOUTN
33
34
35
36
1
2
3
4
5
6.8nF
10uF
10uF
2.2uF
470nF
100nF
2K2
2.2uF
100nF
1uF
3V3
4K7
4K7
SDA
1V8
3V3
5V0
SCL
STMicroelectronics advises the use of a grounding star point. All
decoupling capacitors should be placed as close to sensor as
possible.
The support circuit outlined above describes a USB based
system with a nominal 5V supplying the device.
AUDREF
A suitable choice for the
bipolar transistor would be a
ZTX749. It satisfies the
technical specification and
is very cost effective.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com