Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 28 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 24Page - STMicroelectronics VV6501 Datasheet HTML 25Page - STMicroelectronics VV6501 Datasheet HTML 26Page - STMicroelectronics VV6501 Datasheet HTML 27Page - STMicroelectronics VV6501 Datasheet HTML 28Page - STMicroelectronics VV6501 Datasheet HTML 29Page - STMicroelectronics VV6501 Datasheet HTML 30Page - STMicroelectronics VV6501 Datasheet HTML 31Page - STMicroelectronics VV6501 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Serial Control Bus
VV6501
28/60
4
Serial Control Bus
4.1
General description
The 2-wire I2C serial interface bus is used to read and write the sensor control registers.
Some status registers are read-only.
The main features of the serial interface include:
q
Variable length read/write messages.
q
Indexed addressing of information source or destination within the sensor.
q
Automatic update of the index after a read or write message.
q
Message abort with negative acknowledge from the master.
q
Byte oriented messages.
4.2
Serial communication protocol
The co-processor must perform the role of communication ‘master’ and the sensor acts as a ‘slave’.
The communication from host to sensor takes the form of 8-bit data with a maximum serial clock
frequency of 100 kHz. Since the serial clock is generated by the bus master it determines the data
transfer rate. Data transfer protocol on the bus is illustrated in
Figure 22.
4.2.1
Data format
Information is packed in 8-bit packets (bytes) always followed by an acknowledge bit. The internal
data is produced by sampling
sda at a rising edge of scl. The external data must be stable during
the high period of
scl. Exceptions to this are start (S) or stop (P) conditions when sda falls or rises
respectively, while
scl is high.
A message contains at least two bytes preceded by a
start condition and followed by either a stop or
repeated start, (Sr) followed by another message.
Figure 22: Serial Interface data transfer protocol
12
7
8
A
Start condition
Stop condition
SDA
SCL
Acknowledge
P
S
3
4
56
Address or data byte
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com