Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 15Page - STMicroelectronics VV6501 Datasheet HTML 16Page - STMicroelectronics VV6501 Datasheet HTML 17Page - STMicroelectronics VV6501 Datasheet HTML 18Page - STMicroelectronics VV6501 Datasheet HTML 19Page - STMicroelectronics VV6501 Datasheet HTML 20Page - STMicroelectronics VV6501 Datasheet HTML 21Page - STMicroelectronics VV6501 Datasheet HTML 22Page - STMicroelectronics VV6501 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
19/60
VV6501
Functional Description
Dark calibration algorithm
The dark line monitoring logic accumulates a number of dark pixels, calculates an average and then
compares this average with the appropriate black level. There is a bit in serial register 45 which
determines whether the offset applied is the user-programmable value from serial register 44, or the
value calculated by the offset cancellation processor.
The dark offset cancellation algorithm accumulates data from the dark lines which is input to a leaky
integrator and an appropriate offset is calculated.
Following an exposure/gain change, on power up or when going out of suspend mode, the history in
the dark calibration leaky integrator is reset to the incoming value as the previously stored value will
be out of date.
User control
The serial interface allows the user the following additional controls:
q
Accumulate dark pixels, calculate dark pixel average and report, but do not apply anything to
data stream
q
Accumulate dark pixels, calculate dark pixel average, report and apply internally calculated
offset to data stream
q
Accumulate dark pixels, calculate dark pixel average and report, but apply a SIF supplied offset
3.1.10 Sensor clock and frame rate control
The frame rate is determined by both the input sensor clock and some additional registers under
user control.
Sensor clock
The sensor requires a single-ended clock input. A 24MHz clock is required to generate 30 frames
per second VGA images. The results is a pixel rate of 12MHz.
Slower frame rates
In order to achieve slower frame-rates the user has a number of options:
q
increase the inter-frame time by adding blank line (via SIF register)
q
apply a slower external clock
q
divide down the external clock using the sensor internal clock divider (via SIF register)
Clock divider
The sensor contains a 4-bit register with which the user selects the clock divider setting (N).
Table 5
gives the mapping between the clk_div value and the divider ratio.
Table 5: User programmable clock divider values
clk_div[3:0]
divide by
0000 [default]
1
0001
2
001X
4
010X
6
011X
8
100X
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com