Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 10Page - STMicroelectronics VV6501 Datasheet HTML 11Page - STMicroelectronics VV6501 Datasheet HTML 12Page - STMicroelectronics VV6501 Datasheet HTML 13Page - STMicroelectronics VV6501 Datasheet HTML 14Page - STMicroelectronics VV6501 Datasheet HTML 15Page - STMicroelectronics VV6501 Datasheet HTML 16Page - STMicroelectronics VV6501 Datasheet HTML 17Page - STMicroelectronics VV6501 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
Functional Description
VV6501
14/60
Start of frame line format
The start of frame line contains the contents of the first 16 serial interface registers rather than any
video data. This information immediately follows the line code at the beginning of the line. The code
07H is output after each serial interface value.
It takes 32 pixel clock periods to output these 16 serial interface register values. The remaining pixel
periods of the video portion of the line are padded out using 07H values. The first two pixel locations
are also padded with 07H characters (Figure 10). If a serial interface register location is unused then
the value from register 0 is output.
Following the escape sequence and line code at the end of active video, a frame count is output.
Active video line format
All video data is contained on active video lines. The pixel data appears as a continuous stream of
bytes within the active lines.
Black line format
The black lines contain information from the sensor black lines (held in zero exposure). This
information may be used by certain co-processors.
Dark line format
The dark lines contain information from the sensor dark lines (shielded from light by metal). The
information from these lines is used by the sensor to calculate a dark average offset value which is
then applied to the video data to ensure a known ‘black’ level for image data.
Blank line format
To reduce the frame rate it is possible to extend the frame length by adding blank data lines. These
contain no video or black line data. In default VGA mode there are no blank lines.
End of frame line format
The end of frame line sole purpose is to indicate the end of a frame, it contains no video data.
Figure 10: Start of frame line format
Start of Active Video
End of Active Video
Serial Interface Register Values
0H 1H
0H 1H
FH
FH
1H 9H
(SAV)
(EAV)
CH 7H
0H 7H
0H 7H 4H 0H
0H 7H
0H 7H
8H 0H
0H
0H
D1 D0
D3 D2
FH
Frame
count
Line number 0
DeviceH (register 0)
DeviceL (register 1)
Padding characters
Start of frame
line codes
Data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com