Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 46 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 42Page - STMicroelectronics VV6501 Datasheet HTML 43Page - STMicroelectronics VV6501 Datasheet HTML 44Page - STMicroelectronics VV6501 Datasheet HTML 45Page - STMicroelectronics VV6501 Datasheet HTML 46Page - STMicroelectronics VV6501 Datasheet HTML 47Page - STMicroelectronics VV6501 Datasheet HTML 48Page - STMicroelectronics VV6501 Datasheet HTML 49Page - STMicroelectronics VV6501 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
Electrical Characteristics
VV6501
46/60
6.4.4
Audio amplifier
Table 21: Audio amplifier electrical characteristics
Symbol
Parameter description
Min.
Typ.
Max.
Unit
Audio reference
RAUDREF
Output impedance of audio reference
ILOAD < 100 µA
100
k
Ω
IAUDREF
Audio reference drive capability
1
µA
Microphone bias
VMICBIAS
Microphone bias voltage
1.4
1.6
1.8
V
IMICBIAS
Microphone bias drive capability
500
µA
RMICBIAS
Micro biasing voltage output impedance
(IMICBIAS < 500 µA)
100
W
Microphone input
RMICIN
Microphone input impedance
40
k
Ω
VMICIN
Microphone input DC voltage
1.6
V
Amplifier
GAIN
Overall gain (OUTP or OUTN) / MICIN
According to I2C settings
0
42
dB
DynOut
Output dynamic voltage swing (OUTP / OUTN)
1.8
Vpp
THD
Harmonic distortion on OUTP & OUTN
1kHz, 1.8 VPP output.
0.1
%
DCout
Output DC common voltage
1.6
V
ROUT
Output impedance (OUTP / OUTN)
ILOAD < 300 µA
100
Ω
En
Input equivalent noise
BW 20 Hz to 20 kHz / source
impedance = 2.2k
Ω
1.5
uVrms
PSR
(diff)
Voltage supply rejection (diff: OUTP - OUTN)
42dB gain, +/-200mV ripple on AUD3v3 @ 1 kHz
40
dB
PSR
(single)
Voltage supply rejection (OUTP / OUTN)
42dB gain, +/-200mV ripple on AUD3v3 @ 1 kHz
40
dB
LFc
Low cut-off frequency (CIN = 2.2 µF)
20
Hz
HFc
High cut-off frequency
20
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com