Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 41 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 37Page - STMicroelectronics VV6501 Datasheet HTML 38Page - STMicroelectronics VV6501 Datasheet HTML 39Page - STMicroelectronics VV6501 Datasheet HTML 40Page - STMicroelectronics VV6501 Datasheet HTML 41Page - STMicroelectronics VV6501 Datasheet HTML 42Page - STMicroelectronics VV6501 Datasheet HTML 43Page - STMicroelectronics VV6501 Datasheet HTML 44Page - STMicroelectronics VV6501 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
41/60
VV6501
I2C Registers
5.2.4
Video timing registers
Indexes in the range [0x52 - 0x62] control the line and frame length of the sensor. The registers are
as follows:
q
line length
q
frame length
The line length is specified in a number of pixel clocks, whereas the frame length is specified in a
number of lines.The range of some parameter values is limited and any value programmed out of
the range is clipped as follows:
q
Values greater than the maximum are clipped to the maximum allowed.
q
Values less than the default for a given mode are clipped to the default value.
Table 13: Video timing registers
Register
index
Bit
Function
Default
Comment
0x53
[7:0]
Line Length LSB value
0xF9
0x52
[7:2]
RESERVED
[1:0]
Line Length MSB value
0x2
Default = 761 Maximum = 1023
(register value is line length - 1)
0x62
[7:0]
Frame Length LSB value
0x0B
0x61
[7:2]
RESERVED
[1:0]
Frame Length MSB value
0x2
Default = 523 Maximum = 1023
(register value is frame length - 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com