Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 18 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 14Page - STMicroelectronics VV6501 Datasheet HTML 15Page - STMicroelectronics VV6501 Datasheet HTML 16Page - STMicroelectronics VV6501 Datasheet HTML 17Page - STMicroelectronics VV6501 Datasheet HTML 18Page - STMicroelectronics VV6501 Datasheet HTML 19Page - STMicroelectronics VV6501 Datasheet HTML 20Page - STMicroelectronics VV6501 Datasheet HTML 21Page - STMicroelectronics VV6501 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
Functional Description
VV6501
18/60
3.1.9
Dark calibration
In order to produce a high quality output image from the VV6501, it is necessary to accurately
control the black level of the video signal. There are two main sources of error:
q
Dark current
q
Offsets in the output path.
The black level is corrected by using dark pixel rows to “learn” the offset so that it can then be
subtracted from the image data. Dark rows have the same exposure setting as the visible lines but
are shielded from incident light.
For 10-b data the ideal “black” code is set to be 64 (when viewing 8-b data the ‘black’ code should
be 16). The aim of the dark calibration algorithm is to “learn” the offset required such that “black”
image lines have code 64.
Figure 15: Overview of dark offset cancellation
Figure 16: Role of dark offset calibration
Dpix
Vpix
Column
ADC element
+ offset
Dpix
Vpix
10-b
Column
ADC element
+ offset
10-b
Normal pixel
Idark
Dark pixel
Ilight
+
Idark
Offset
cancellation
Learn offset
+ Idark
Digital Logic
Dark Line
typ. value = 400
Image Line
typ. value: 400 - 1360
Dark calibration
dark offset = 336
Dark Line
typ. value = 64
Image Line
typ. value: 64-1024
processed image
raw image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com