Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 49 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 45Page - STMicroelectronics VV6501 Datasheet HTML 46Page - STMicroelectronics VV6501 Datasheet HTML 47Page - STMicroelectronics VV6501 Datasheet HTML 48Page - STMicroelectronics VV6501 Datasheet HTML 49Page - STMicroelectronics VV6501 Datasheet HTML 50Page - STMicroelectronics VV6501 Datasheet HTML 51Page - STMicroelectronics VV6501 Datasheet HTML 52Page - STMicroelectronics VV6501 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
49/60
VV6501
Optical Characteristics
Sensor SNR
The SNR measurement given here is based on the temporal noise. The SNR is calculated as the
pixel saturation voltage divided by the temporal noise at that saturation level. The optical setup is
the same as for the measurement of average sensitivity. The sensor gain, G, is set to x1.
The SNR figure is then calculated as:
.
Fixed Pattern Noise (FPN)
The FPN of an image sensor is the average pixel non-temporal noise divided by the average pixel
voltage. The illumination source is the same as for the average sensitivity measurement. The FPN
is calculated at coarse exposure settings of 0,10,150,250 and 302 with a gain set to 1. 10 frames
are grabbed and averaged to produce a temporally independent frame before each calculation.
FPN is expressed in mV.
Vertical Fixed Pattern Noise (VFPN)
VFPN describes the spatial noise in an image sensor related to patterns with a vertical orientation.
The VFPN is defined as the standard deviation over all columns of the average pixel voltage for
each column determined at zero exposure and zero illumination. VFPN is expressed in mV.
Shading
Shading describes how average pixel values per “block” change across the image sensor array. For
fine shading calculations, the image sensor array is split into 30 pixel by 30 pixel blocks. An average
value is then calculated for each block, averages are then compared across the whole device. The
blocks are increased in size to 60 pixels by 60 pixels for the gross shading calculation. Shading is
expressed in mV.
7.2
Optical characterisation results
Table 24: Optical characterization
Optical parameter
Red
Green
Blue
Unit
Average sensitivity
-
2.05
-
V/lux.s
Dark signal
-
9.0
-
mV/s
Temporal noise
-
2.12
-
mV
Dynamic Range
-
54
-
dB
SNR
-
41
-
dB
Fixed Pattern Noise
-
1.13
-
mV
Vertical fixed pattern noise
-
0.68
-
mV
Shading (Gross)
1.1
1.3
1.0
%
20
GVsat
σsignal
--------------------
ÿþ
log



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com