Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 40 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 36Page - STMicroelectronics VV6501 Datasheet HTML 37Page - STMicroelectronics VV6501 Datasheet HTML 38Page - STMicroelectronics VV6501 Datasheet HTML 39Page - STMicroelectronics VV6501 Datasheet HTML 40Page - STMicroelectronics VV6501 Datasheet HTML 41Page - STMicroelectronics VV6501 Datasheet HTML 42Page - STMicroelectronics VV6501 Datasheet HTML 43Page - STMicroelectronics VV6501 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
I2C Registers
VV6501
40/60
[0x25] - Clock divider setting
[0x2C -0x2D] - Dark line pixel offset
[0x2E] - Dark line offset cancellation setup register
Bit
Function
Default
Comment
[7:4]
RESERVED
[3:0]
Clock divider setting
0
0000 - Divide clock by 1
0001 - Divide clock by 2
001x - Divide clock by 4
010x - Divide clock by 6
011x - Divide clock by 8
100x - Divide clock by 10
101x - Divide clock by 12
110x - Divide clock by 14
111x - Divide clock by 16
Bit
Function
Default
Comment
[7:0]
LS Dark line pixel offset
0
This register contains a fixed offset that can be
applied to the digitised pixels in the digital output
coding block. The offset is a 2’s complement
number, giving an offset range -1024,+1023.
[2:0]
MS Dark line pixel offset
Bit
Function
Default
Comment
7
RESERVED
[6:4]
RESERVED
3
Dark leaky integrator time
constant
00 - Fast
1 - Slow
2
RESERVED
[1:0]
Dark line offset cancellation
01
00 - Accumulate dark pixels, calculate dark pixel
average and report, but don’t apply anything to
data stream
01 - Accumulate dark pixels, calculate dark pixel
average, report and apply internally calculated
offset to data stream
11 - Accumulate dark pixels, calculate dark pixel
average and report, but apply an externally
calculated offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com