Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 48 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 44Page - STMicroelectronics VV6501 Datasheet HTML 45Page - STMicroelectronics VV6501 Datasheet HTML 46Page - STMicroelectronics VV6501 Datasheet HTML 47Page - STMicroelectronics VV6501 Datasheet HTML 48Page - STMicroelectronics VV6501 Datasheet HTML 49Page - STMicroelectronics VV6501 Datasheet HTML 50Page - STMicroelectronics VV6501 Datasheet HTML 51Page - STMicroelectronics VV6501 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
Optical Characteristics
VV6501
48/60
7
Optical Characteristics
7.1
Optical characterisation methods
The following measurements are made based on the pixel as summarized in
Table 23.
Average sensitivity
The average sensitivity is a measure of the image sensor response to a given light stimulus. The
optical stimulus is a white light source with a color temperature of 3200K, producing uniform
illumination at the surface of the sensor package. For a color sensor, an IR blocking filter, CM500, is
added to the light source. The analog gain of the sensor is set to x1. The exposure time,
∆t, is set
as 50% of maximum. The illuminance, I, is adjusted so the average sensor output code, Xlight, is
roughly mid-range equivalent to a saturation level of 50%. Once Xlight has been recorded the
experiment is repeated with no illumination to give a value Xdark.
The sensitivity is then calculated as
. The result is expressed in volts per lux-second.
Dark signal
The dark signal is a measure of the effect of pixel leakage current on the sensor output. The
measurement is performed without illumination. As the dark signal is small the analog gain, G, of
the sensor is increased to x4. For the same reason the clock divisor is set to16. As the leakage is
highly temperature dependent, measurement is done at a controlled temperature of 25oC. The
mean sensor output is then recorded at 2 exposure settings: Xdark at the maximum exposure time;
Xblack at zero exposure.
The dark signal is calculated as
and is expressed in volts per second.
Temporal noise of pixel and readout
A measure of the temporal noise is required to quantify the noise floor. As the signal is small the
gain, G, is set to the maximum of x16. In order to remove fixed pattern noise sources it is calculated
as the standard deviation,
σ
black, of the difference of a pair of zero exposure and zero illumination
images. Random noise is expressed in mV.
Dynamic range
The dynamic range is the measure of the maximum and minimum signal levels at which the sensor
can be used.
The figure for temporal noise is used to find the dynamic range as follows
.
Table 23: VV6501 Pixel overview
Parameter
Value
Unit
Size
5.6 x 5.6
µm
Architecture
3T, DDS
Saturation voltage at pixel, VSAT
(Gain x1, 1024 codes)
1.2
V
FD capacitance
3.0
fF
Xlight
Xdark
∆tI
---------------------------------------
Xdark
Xblack
∆tG
-----------------------------------------
20
GVsat
σblack
--------------------
ÿþ
log



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com