Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 33 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 29Page - STMicroelectronics VV6501 Datasheet HTML 30Page - STMicroelectronics VV6501 Datasheet HTML 31Page - STMicroelectronics VV6501 Datasheet HTML 32Page - STMicroelectronics VV6501 Datasheet HTML 33Page - STMicroelectronics VV6501 Datasheet HTML 34Page - STMicroelectronics VV6501 Datasheet HTML 35Page - STMicroelectronics VV6501 Datasheet HTML 36Page - STMicroelectronics VV6501 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
33/60
VV6501
I2C Registers
Table 9: Serial interface address map
Index
Name
Length
R/W
Default
Comments
Status registers
0x00
deviceH
8
RO
0x1F
Chip identification number including
revision indicator (501 Rev0).
0x01
deviceL
8
RO
0x50
0x02
status0
8
RO
0x10
Status information
0x09
dark_avgH
4
RO
0
This is the average pixel value
returned from the dark line offset
cancellation algorithm
(2’s complement notation)
0x0A
dark_avgL
8
RO
0
0x0E
frame counter
8
RO
Current frame count (0-255)
Setup registers
0x10
setup0
8
R/W
0x1
Low-power and video timing
0x11
setup1
8
R/W
0x80
Various parameters
0x14
fg_modes
8
R/W
0
FST and QCK setup
0x15
pin_mapping
7
R/W
0
FST and QCK mapping modes
0x16
vshuffle/mirrors
8
R/W
0
Read-out order of data
0x17
op_format
7
R/W
0x18
Output coding formats
Exposure registers
0x20
fineH
2
R/W
0
Fine exposure
0x21
fineL
8
R/W
0x22
coarseH
2
R/W
0x20A
Coarse exposure
0x23
coarseL
8
R/W
0x24
analogue gain
4
R/W
0
Analogue gain setting
0x25
clk_div
4
R/W
Clock division
0x2C
dark offsetH
3
R/W
0
Dark line offset cancellation value
(2’s complement notation)
0x2D
dark offsetL
8
R/W
0x2E
dark offset setup
3
R/W
0x61
Dark line offset cancellation enable
Video timing registers
0x52
line_lengthH
2
R/W
0x2F9
Line length (pixel clocks)
0x53
line_lengthL
8
R/W
0x54
frame_lengthH
2
R/W
0x20B
Frame length (lines)
0x55
frame_lengthL
8
R/W
Audio register
0x79
audio
4
R/W
0x9
Audio setup register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com