Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 36 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 32Page - STMicroelectronics VV6501 Datasheet HTML 33Page - STMicroelectronics VV6501 Datasheet HTML 34Page - STMicroelectronics VV6501 Datasheet HTML 35Page - STMicroelectronics VV6501 Datasheet HTML 36Page - STMicroelectronics VV6501 Datasheet HTML 37Page - STMicroelectronics VV6501 Datasheet HTML 38Page - STMicroelectronics VV6501 Datasheet HTML 39Page - STMicroelectronics VV6501 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
I2C Registers
VV6501
36/60
[0x14] - fg_modes
[0x15] - pin_mapping
[0x16] - Vshuffle/mirrors
Bit
Function
Default
Comment
[7:6]
FST mode
0
0 - Off
1 - On - qualifies the status line
[5:4]
RESERVED
[3:2]
QCK modes
0
00 - Off
01 - Free running
1x - Valid during data period only
1
RESERVED
0
QCLK type
0
0 - slow_QCLK/
1 - fast_QCLK
Bit
Function
Default
Comment
7
RESERVED
6
reset_flag.
1
Set to 1 by porb, reset_n soft_reset. The user
can clear this bit by writing to SIF.
5
RESERVED
[4:3]
RESERVED
2
Forced value for FST pin
0
only when enabled by bit0
1
Forced value for QCLK pin
0
only when enabled by bit0
0
Map serial interface register
bits values on to the QCK and
FST pins.
0
Select data to appear on FST and QCK pins
0 - FST and QCK signals (default)
1 - pin_mapping[2] and pin_mapping[1]
Bit
Function
Default
Comment
[7:5]
RESERVED
4
Line read-out order (vmirror)
Normal or Mirrored
0
3
Pixel read-out order (hmirror)
Normal or Mirrored
0
[2:0]
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com