Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 42 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 38Page - STMicroelectronics VV6501 Datasheet HTML 39Page - STMicroelectronics VV6501 Datasheet HTML 40Page - STMicroelectronics VV6501 Datasheet HTML 41Page - STMicroelectronics VV6501 Datasheet HTML 42Page - STMicroelectronics VV6501 Datasheet HTML 43Page - STMicroelectronics VV6501 Datasheet HTML 44Page - STMicroelectronics VV6501 Datasheet HTML 45Page - STMicroelectronics VV6501 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
I2C Registers
VV6501
42/60
5.2.5
Audio setup register
[0x79] - Audio amplifier setup (AT1)
Bit
Function
Default
Comments
7
Retro gain mode select
0
0 - Retro gain mode
1 - Standard gain mode
6
Power down audio ref. only
0
[5:4]
RESERVED
3
Power down amp. and ref.
0
0 - Powered up
1 - Power down
[2:0]
Audio amplifier gain
1
Table 14: Audio gain options
reg121[2:0]
Retro gain mode ([[7]=0)
Standard gain mode ([7]=1)
Gain
AUDGAIN[2:0]
Gain
AUDGAIN[2:0]
000
0dB
000
0dB
000
001
30dB
101
6dB
001
010
6dB
001
12dB
010
011
36dB
110
18dB
011
100
12dB
010
24dB
100
101
42dB
111
30dB
101
110
18dB
011
36dB
110
111
24dB
100
42dB
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com