Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 56 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 52Page - STMicroelectronics VV6501 Datasheet HTML 53Page - STMicroelectronics VV6501 Datasheet HTML 54Page - STMicroelectronics VV6501 Datasheet HTML 55Page - STMicroelectronics VV6501 Datasheet HTML 56Page - STMicroelectronics VV6501 Datasheet HTML 57Page - STMicroelectronics VV6501 Datasheet HTML 58Page - STMicroelectronics VV6501 Datasheet HTML 59Page - STMicroelectronics VV6501 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
Defect Categorisation
VV6501
56/60
The contents of the fail map determine whether the sensor fails the physical aberration test. The fail
criteria are given in
Table 27 below:
Table 26: Criteria for pixel to be entered in failure map
Pixel location is a fail in map if
Small average < Large average - (1.2% of Large average)
or
Small average > Large average + (1.2% of Large average)
Table 27: Physical aberration test fail criteria
Fail physical aberration test if
> 82 contiguousa pixel entries in the failure map
a. An example of contiguous pixels entries is given in
Figure 36
Figure 36: Contiguous pixels example
The
group
of
pixels
enclosed in the circle
are contiguous, that is
every pixel in the group
is attached to at least
one neighboring pixel.
The other pixel entries
shown in the figure
are non contiguous as
they have no touching
neighbors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com