Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 43 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 39Page - STMicroelectronics VV6501 Datasheet HTML 40Page - STMicroelectronics VV6501 Datasheet HTML 41Page - STMicroelectronics VV6501 Datasheet HTML 42Page - STMicroelectronics VV6501 Datasheet HTML 43Page - STMicroelectronics VV6501 Datasheet HTML 44Page - STMicroelectronics VV6501 Datasheet HTML 45Page - STMicroelectronics VV6501 Datasheet HTML 46Page - STMicroelectronics VV6501 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
43/60
VV6501
Electrical Characteristics
6
Electrical Characteristics
6.1
Absolute maximum ratings
Caution: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections of the specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
6.2
Operating conditions
6.3
Thermal data
Table 15: Absolute maximum ratings
Symbol
Parameter
Max.
Unit
VDD
Regulator input power voltage
-0.5 to 6.0
V
VDD
Digital power supply
-0.5 to 3.6
V
VCC
Analogue power supply
-0.5 to 3.6
V
TSTO
Storage temperaturea
a. A temperature below 0°C can induce a slight humidity penetration into the package cavity.
This humidity is easily removable by a short storage in standard climatic conditions
(25°C/50% relative humidity).
-25 to + 85
oC
TLEAD
Lead temperature (10 s) JDEC moisture level 3
225
°C
Table 16: Operating conditions
Symbol
Parameter
Max.
Unit
VDD
Supply voltage
4.1 to 5.5
V
TA
Ambient temperature
0 to +40
°C
Table 17: Thermal data
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction/ambient thermal resistance
45
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com