Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 35 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 31Page - STMicroelectronics VV6501 Datasheet HTML 32Page - STMicroelectronics VV6501 Datasheet HTML 33Page - STMicroelectronics VV6501 Datasheet HTML 34Page - STMicroelectronics VV6501 Datasheet HTML 35Page - STMicroelectronics VV6501 Datasheet HTML 36Page - STMicroelectronics VV6501 Datasheet HTML 37Page - STMicroelectronics VV6501 Datasheet HTML 38Page - STMicroelectronics VV6501 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
35/60
VV6501
I2C Registers
[0x09-0x0A] - Dark_Avg
[0x0E] - Frame Counter
5.2.2
Setup Registers
[0x10] - Setup0
[0x11] - Setup1
Register
Index
Bits
Function
Default
Comment
10
[7:0]
Dark avg ls byte
0
The calculated pixel average over a series of
dark lines.
9
[1:0]
Dark avg ms bits
0
Register
index
Bits
Function
Default
Comment
14
[7:0]
Frame count
0
Increments by 1 at each frame
Bit
Function
Default
Comment
[7:5]
Video Timing Mode
0x1
VGA Mode
[4:3]
RESERVED
2Soft Reset
Off / On
0
Setting this bit resets the sensor to its power-up
defaults. This bit is also reset.
1
RESERVED
0
Low Power Mode:
Off / On
0x1
Powers down the sensor array and audio. The
output data bus goes to FH. On power-up the
sensor enters low power mode.
Bit
Function
Default
Comment
7
Pixel read-out order
(hshuffle)
Unshuffled or Shuffled
1
Shuffle is enabled by default
[6:5]
RESERVED
4
Enable immediate gain
update.
Off/On
0
Allow manual change to gain to be applied
immediately
3
Enable immediate clock
division update. Off/On
0
Allow manual change to clock division to be
applied immediately
[2:0]
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com