Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 20 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 16Page - STMicroelectronics VV6501 Datasheet HTML 17Page - STMicroelectronics VV6501 Datasheet HTML 18Page - STMicroelectronics VV6501 Datasheet HTML 19Page - STMicroelectronics VV6501 Datasheet HTML 20Page - STMicroelectronics VV6501 Datasheet HTML 21Page - STMicroelectronics VV6501 Datasheet HTML 22Page - STMicroelectronics VV6501 Datasheet HTML 23Page - STMicroelectronics VV6501 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
Functional Description
VV6501
20/60
3.1.11 Exposure/gain control
The sensor does not contain any form of automatic exposure or gain control. To produce a correctly
exposed image, exposure and gain values must be calculated externally and written to the sensor
via the serial interface.
Exposure calculation
The exposure time for a pixel and the ADC range (therefore the gain) are programmable via the
serial interface. The explanation below assumes that the gain and exposure values are updated
together as part of a 5 byte serial interface auto-increment sequence.
Exposure time combines coarse, fine exposure, pixel rate also related to frame and line lengths, all
defined in
Table 6.
Example of exposure calculation in default VGA video mode
coarse exposure = 522
fine exposure = 762
Input clock frequency - Fclkin = 24MHz,
Pixel period = 2/(24 x 106) = 8.33 x10-8 s
Calculation: exposure time = 8.33 x10-8 x [(522 x 762) +762] = 33.2 ms
101X
12
110X
14
111X
16
Table 6: Definitions related to exposure
Frame length
Number of lines per frame [default=524]
The frame length may be increased to 1023 by writing to the frame length register.
Line length
Number of pixels in a line [default = 762]
The line length may be increased to 1023 by writing to the line length register.
Exposure
The pixel exposure time is determined by the course and fine exposure values
Coarse exposure
value
The number of lines a pixel exposes for.
Limited by frame length.
Coarse exposure value is in the range [0 - (frame length -2)].
Fine exposure value
Number of additional pixel periods a pixel exposes for.
Limited by line length.
Fine exposure value is in the range [11 - (line length)].
Pixel period
Determined by the input clock frequency (Fclkin) and user clk_div setting.
PixPeriod=(2*N)/Fclkin where N = clock divider ratio
Exposure time
PixPeriod x [(Coarsenum_lines x Line_Lengthnum_pixels) + Finepixels]
Table 5: User programmable clock divider values
clk_div[3:0]
divide by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com