Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 7Page - STMicroelectronics VV6501 Datasheet HTML 8Page - STMicroelectronics VV6501 Datasheet HTML 9Page - STMicroelectronics VV6501 Datasheet HTML 10Page - STMicroelectronics VV6501 Datasheet HTML 11Page - STMicroelectronics VV6501 Datasheet HTML 12Page - STMicroelectronics VV6501 Datasheet HTML 13Page - STMicroelectronics VV6501 Datasheet HTML 14Page - STMicroelectronics VV6501 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
11/60
VV6501
Functional Description
3.1.4
Digital data bus: D[4:0]
Sensor data may be either 8 or 10 bits per pixel and is transmitted as follows:
q
10-bit data: A pair of 5-bit nibbles, most significant nibble first, on 5 wires.
q
8-bit data: A pair of 4-bit nibbles, most significant nibble first, on 4 wires.
In 5-wire mode, the embedded control codes occupy only the most significant 8-bits, the least
significant 2-bits are always zero.
Output tri-state using SIF
Register 23 bit[5] can be used to tri-state all 5 data lines, QCK and FST.
Output pad drive strength
The data and QCK output pads are tri-stateable with 4 mA drive.
3.1.5
Data qualification clock (QCK)
A data qualification clock (QCK) is available and complements the embedded control sequences.
This clock runs continuously when enabled and consists of:
q
Fast QCK: the falling edge of the clock qualifies every 5 or 4-bit data blocks that constitute a
pixel value.
q
Slow QCK: the rising edge qualifies 1st, 3rd, 5th, etc. blocks of data that constitute a pixel
value while the falling edge qualifies the 2nd, 4th, 6th etc. blocks of data. For example in 4-wire
mode, the rising edge of the clock qualifies the most significant nibbles while the falling edge of
the clock qualifies the least significant nibbles.
Figure 6: Digital data output modes
Figure 7: QCK modes
D7,D6,D5,D4
D3,D2,D1,D0
D3,D2,D1,D0
D7,D6,D5,D4
10-bit pixel data
D9,D8,D7,D6,D5
D4,D3,D2,D1,D0
D4,D3,D2,D1,D0
D9,D8,D7,D6,D5
8-bit pixel data
5-wire output mode
4-wire output mode
QCK (slow)
QCK (fast)
D[4:0]
<MSB>
<LSB>
<MSB>
<LSB>
<MSB>
<LSB>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com