Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 30 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 26Page - STMicroelectronics VV6501 Datasheet HTML 27Page - STMicroelectronics VV6501 Datasheet HTML 28Page - STMicroelectronics VV6501 Datasheet HTML 29Page - STMicroelectronics VV6501 Datasheet HTML 30Page - STMicroelectronics VV6501 Datasheet HTML 31Page - STMicroelectronics VV6501 Datasheet HTML 32Page - STMicroelectronics VV6501 Datasheet HTML 33Page - STMicroelectronics VV6501 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
Serial Control Bus
VV6501
30/60
At the end of a sequence of incremental reads or writes, the terminal index value in the register will
be one
greater than the last location read from or written to. A subsequent read will use this index to
begin retrieving data from the internal registers.
A message can only be terminated by the bus master, either by issuing a stop condition, a repeated
start condition or by a negative acknowledge after reading a complete byte during a read operation.
4.3
Types of messages
This section gives guidelines on the basic operations to read data from and write data to the serial
interface.
The serial interface supports variable length messages. A message may contain no data bytes, one
data byte or many data bytes. This data can be written to or read from common or different locations
within the sensor. The range of instructions available are detailed below.
q
Write no data byte, only sets the index for a subsequent read message.
q
Multiple location write (using auto increment index bit) for fast information transfers.
Examples of these operations are given below. A full description of the internal registers is given in
the previous section. For all examples, the slave address used is 3210 for writing and 3310 for
reading. The write address includes the read/write bit (the LSB) set to zero while this bit is set in the
read address.
4.3.1
Single location, single data write
When a random value is written to the sensor, the message looks as shown in
Figure 25.
In this example, the
fineH exposure register (index = 3210) is set to 8510. The r/w bit is set to zero for
writing and the
Inc. bit (MSB of the index byte) is set to zero to disable automatic increment of the
index after writing the value. The address index is preserved and may be used by a subsequent
read. The write message is terminated with a stop condition from the master.
4.3.2
Single location, single data read
A read message always contains the index used to get the first byte.
Figure 25: Single location, single write
Figure 26: Single location, single read
S
20h
A
0
32h
A
85h
A
P
Start
Device
Ack
address
Index
Data
Stop
S
21h
A
0
32h
A
85h
A
P
Start
Device
Ack
address
Index
Data
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com