Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 44 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 40Page - STMicroelectronics VV6501 Datasheet HTML 41Page - STMicroelectronics VV6501 Datasheet HTML 42Page - STMicroelectronics VV6501 Datasheet HTML 43Page - STMicroelectronics VV6501 Datasheet HTML 44Page - STMicroelectronics VV6501 Datasheet HTML 45Page - STMicroelectronics VV6501 Datasheet HTML 46Page - STMicroelectronics VV6501 Datasheet HTML 47Page - STMicroelectronics VV6501 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
Electrical Characteristics
VV6501
44/60
6.4
DC electrical characteristics
Over operating conditions unless otherwise specified.
6.4.1
Power supply
6.4.2
Digital block
Table 18: Power supply characteristics
Symbol
Parameter description
Min.
Typ.
Max.
Unit
VBUS
Power supply range of operation
4
5
5.5
V
IVBUS
Normal mode sensor current consumption
(VGA 30 fps - no load on digital regulators)
25
50
mA
ISUSP
Current consumption in SUSPEND mode
(SUSPEND pin high) and VDIG1V8 disabled.
65
140
µA
Table 19: Digital block electrical characteristics
Symbol
Parameter description
Min.
Typ.
Max.
Unit
CMOS digital inputs
VIL
Low level input voltage
0.8
V
VIH
High level input voltage
2
V
IIL
Low level input current
-1
µA
IIH
High level input current
1
µA
CMOS digital outputs
VOL
Low level output voltage
0.2
V
VOH
High level output voltage
2.8
V
Serial interface
FSIF
Operating frequency range
0
100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com