Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 31 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 27Page - STMicroelectronics VV6501 Datasheet HTML 28Page - STMicroelectronics VV6501 Datasheet HTML 29Page - STMicroelectronics VV6501 Datasheet HTML 30Page - STMicroelectronics VV6501 Datasheet HTML 31Page - STMicroelectronics VV6501 Datasheet HTML 32Page - STMicroelectronics VV6501 Datasheet HTML 33Page - STMicroelectronics VV6501 Datasheet HTML 34Page - STMicroelectronics VV6501 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
31/60
VV6501
Serial Control Bus
This example assumes that a write message has already taken place and the residual index value
is 3210. A value of 8510 is read from the fineH exposure register. Note that the read message is
terminated with a negative acknowledge (A) from the master: it is not guaranteed that the master
will be able to issue a stop condition at any other time during a read message. This is because if the
data sent by the slave is all zeros, the
sda line cannot rise, which is part of the stop condition.
4.3.3
No data write followed by same location read
When a location is to be read and the value of the stored index is not known, a write message with
no data byte must be written first, specifying the index. The read message then completes the
message sequence. To avoid relinquishing the serial to bus to another master, a repeated start
condition is asserted between the write and read messages. In this example, the
gain value (index
= 3610) is read as 1510 (see Figure 27).
As mentioned in the previous example, the read message is terminated with a negative
acknowledge (A) from the master.
4.3.4
Multiple location write
If the automatic increment bit is set (MSB of the index byte), it is possible to write data bytes to
consecutive adjacent internal registers without having to send explicit indexes prior to sending each
data byte. An auto-increment write to the exposure registers with their default values is shown in
Figure 28.
Figure 27: No data write followed by same location read
Figure 28: Multiple location write
S
A
Sr
A
A
A
P
21h
36h
21h
36h
15h
A
0
0
No data write
Read index and data
SA
11h
A
AA
20h
10h
C1h
1
Incremental write
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com