Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 57 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 52Page - STMicroelectronics VV6501 Datasheet HTML 53Page - STMicroelectronics VV6501 Datasheet HTML 54Page - STMicroelectronics VV6501 Datasheet HTML 55Page - STMicroelectronics VV6501 Datasheet HTML 56Page - STMicroelectronics VV6501 Datasheet HTML 57Page - STMicroelectronics VV6501 Datasheet HTML 58Page - STMicroelectronics VV6501 Datasheet HTML 59Page - STMicroelectronics VV6501 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
Notes:
1. Gold plate 0.3 µm minimum over 1.27 ~ 8.89 µm nickel
2. Seal area and die attach area shall not be without metallization
3. All tolerances are ±0.13 unless otherwise specified
Option K
Option N
A
1.549 ± 0.161
1.54 ± 0.16
B
0.571 ± 0.05
(0.62)
C
0.546 ± 0.05
0.51± 0.05
D
0.432 ± 0.05
0.41 ± 0.03
+0.20
10.67 - 0.13
(R0.30)
[4X]
(R0.30)
[4X]
[P = 1.016 x 8]
8.128 ± 0.13
1.016 ± 0.08
(R 0.15)
[x 4]
[36 x]
0.51 ± 0.08
(0.51)
No. 1 index
(R0.15)
[36x]
0.08
0.08
A
A
[AT S/R]
0.08
Note 2
0.55 ± 0.05
C
B
A
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com