Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 29 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 25Page - STMicroelectronics VV6501 Datasheet HTML 26Page - STMicroelectronics VV6501 Datasheet HTML 27Page - STMicroelectronics VV6501 Datasheet HTML 28Page - STMicroelectronics VV6501 Datasheet HTML 29Page - STMicroelectronics VV6501 Datasheet HTML 30Page - STMicroelectronics VV6501 Datasheet HTML 31Page - STMicroelectronics VV6501 Datasheet HTML 32Page - STMicroelectronics VV6501 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
29/60
VV6501
Serial Control Bus
The first byte contains the device address byte which includes the data direction
read, (r), ~write,
(~w), bit.
The byte following the address byte contains the address of the first data byte (also referred to as
the
index). The serial interface can address up to 128 byte registers. If the MSB of the second byte
is set, the automatic increment feature of the address index is selected.
4.2.2
Message interpretation
All serial interface communications with the sensor must begin with a
start condition. If the start
condition is followed by a valid address byte then further communications can take place. The
sensor will acknowledge the receipt of a valid address by driving the
sda wire low. The state of the
read/~write bit (LSB of the address byte) is stored and the next byte of data, sampled from sda, can
be interpreted.
During a write sequence the second byte received is an address index and is used to point to one of
the internal registers. The MSB of the following byte is the
index auto increment flag. If this flag is
set then the serial interface will automatically increment the index address by one location after
each slave acknowledge. The master can therefore send data bytes continuously to the slave until
the slave fails to provide an acknowledge or the master terminates the write communication with a
stop condition or sends a repeated start, (Sr). If the auto increment feature is used the master does
not have to send indexes to accompany the data bytes.
As data is received by the slave, it is written bit by bit to a serial/parallel register. After each data byte
has been received by the slave, an acknowledge is generated, the data is then stored in the internal
register addressed by the current index.
During a read message, the current index is read out in the byte following the device address byte.
The next byte read from the slave device are the contents of the register addressed by the current
index. The contents of this register are then parallel loaded into the serial/parallel register and
clocked out of the device by
scl.
At the end of each byte, in both read and write message sequences, an acknowledge is issued by
the receiving device. Although VV6501 is always considered to be a slave device, it acts as a
transmitter when the bus master requests a read from the sensor.
Figure 23: VV6501 Serial interface address
Figure 24: Serial interface data format
0
0
1
0
0
0
0
R/W
S
address[7:1]
R/
W bit
A
DATA[7:0]
A
Sensor acknowledges valid address
Acknowledge from slave
INDEX[6:0]
INC
P
A
A
DATA[7:0]
[0]
address
Auto increment
Index bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com