Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 34 Page - STMicroelectronics

Part # VV6501
Description  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 30Page - STMicroelectronics VV6501 Datasheet HTML 31Page - STMicroelectronics VV6501 Datasheet HTML 32Page - STMicroelectronics VV6501 Datasheet HTML 33Page - STMicroelectronics VV6501 Datasheet HTML 34Page - STMicroelectronics VV6501 Datasheet HTML 35Page - STMicroelectronics VV6501 Datasheet HTML 36Page - STMicroelectronics VV6501 Datasheet HTML 37Page - STMicroelectronics VV6501 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
I2C Registers
VV6501
34/60
5.2
Register description
5.2.1
Status registers
[0x00-0x01] - DeviceH and DeviceL
These registers provide read only information to identify the sensor type that has been coded as a
12-bit number and a 4-bit mask set revision identifier. The device identification number for VV6501
is 501 equivalent to 0001 1111 01012. The initial mask revision identifier is 0 equivalent to 00002.
[0x02] - Status0
Table 10: [0x00] - DeviceH
Bits
Function
Default
Comment
[7:0]
Device type identifier
0x1F
Most significant 8 bits of the 12 bit code
identifying the chip type.
Table 11: [0x01] - DeviceL
Bits
Function
Default
Comment
[7:4]
Device type identifier
0x5
Least significant 4 bits of the 12 bit code
identifying the chip type.
[3:0]
Mask set revision identifier
0
Bit
Function
Default
Comment
7
Video timing parameter
update pending flag
0
Video timing parameters sent but not yet
consumed by sensor
[6:5]
RESERVED
4
Odd/even frame
0x1
The flag will toggle state on alternate frames
3
Clock division update
pending
0
Clock divisor sent but not yet consumed by the
sensor
2
Gain value update pending
0
Gain value sent but not yet consumed by the
sensor
1
Coarse exposure value
update pending
0
Coarse exposure value sent but not yet
consumed by the sensor
0
Fine exposure value update
pending
0
Fine exposure value sent but not yet consumed
by the sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com