Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 23 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 19Page - Texas Instruments TUSB7340 Datasheet HTML 20Page - Texas Instruments TUSB7340 Datasheet HTML 21Page - Texas Instruments TUSB7340 Datasheet HTML 22Page - Texas Instruments TUSB7340 Datasheet HTML 23Page - Texas Instruments TUSB7340 Datasheet HTML 24Page - Texas Instruments TUSB7340 Datasheet HTML 25Page - Texas Instruments TUSB7340 Datasheet HTML 26Page - Texas Instruments TUSB7340 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 122 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The TUSB7340EVM board is a free-standing reference design for a four-port PCIe–based SuperSpeed USB
(USB 3.0) Extensible Host Controller (xHCI). It is used to evaluate system compatibility. A Microsoft® WHQL
certified xHCI compliant driver stack is provided as well. The TUSB7340 is fully backwards compatible to USB
2.0 supporting USB peripherals and hubs that support all data transfer speeds: USB 2.0 Low–speed (1.5 Mbps),
USB 2.0 Full–speed (12 Mbps), USB 2.0 High–speed (480 Mbps), as well as SuperSpeed USB (5 Gbps). A
SuperSpeed peripheral is required to evaluate SuperSpeed data transfer.
7.1.1 Features
• HCI compliant driver stack
• Support for all USB data transfer rates
– Full- and low-speed support
– High-speed support
– SuperSpeed support
• Robust device class support
• UASP support for mass storage devices
• Available for Windows XP™, Windows Vista™, and Windows® 7
– Both 32-bit and 64-bit
• Linux® support available from open source community
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com