Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 79 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 75Page - Texas Instruments TUSB7340 Datasheet HTML 76Page - Texas Instruments TUSB7340 Datasheet HTML 77Page - Texas Instruments TUSB7340 Datasheet HTML 78Page - Texas Instruments TUSB7340 Datasheet HTML 79Page - Texas Instruments TUSB7340 Datasheet HTML 80Page - Texas Instruments TUSB7340 Datasheet HTML 81Page - Texas Instruments TUSB7340 Datasheet HTML 82Page - Texas Instruments TUSB7340 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 122 page
background image
Table 8-115. Bit Descriptions – Uncorrectable Error Severity Register (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
14
CPL_TIMEOUT_SEVR(1)
rw
Completion Timeout Severity.
0 – Error Condition is signaled using ERR_NONFATAL
1 – Error Condition is signaled using ERR_FATAL
13
FC_ERROR_SEVR(1)
rw
Flow Control Error Severity. 0 – Error Condition is signaled using
ERR_NONFATAL1 – Error Condition is signaled using ERR_FATAL
12
PSN_TLP_SEVR(1)
rw
Poisoned TLP Severity.
0 – Error Condition is signaled using ERR_NONFATAL
1 – Error Condition is signaled using ERR_FATAL
11:6
RSVD
r
Reserved. Returns zeros when read.
5
RSVD
r
Reserved. Returns 1 when read.
4
DLL_ERROR_SEVR(1)
rw
Data Link Protocol Error Severity.
0 – Error Condition is signaled using ERR_NONFATAL
1 – Error Condition is signaled using ERR_FATAL
3:0
RSVD
r
Reserved. Returns zeros when read.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on-reset.
8.2.7 Correctable Error Severity Register
The Correctable Error Status Register reports the status of individual errors as they occur. Software may clear
these bits only by writing a 1 to the desired location.
PCI Express Extended Register Offset: 110h
Register type: Read-Only, Read/Clear
Default value: 0000 0000h
Table 8-116. PCI Express Extended Register 110h
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-117. Bit Descriptions – Correctable Error Severity Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:14
RSVD
r
Reserved. Returns zeros when read.
13
ANFES(1)
rcu
Advisory Non-Fatal Error Status. This bit is asserted when an Advisory
Non-Fatal Error has been reported.
12
REPLAY_TMOUT(1)
rcu
Replay Timer Timeout. This bit is asserted when the replay timer expires
for a pending request or completion that has not been acknowledged.
11:9
RSVD
r
Reserved. Returns zeros when read.
8
REPLAY_ROLL(1)
rcu
REPLAY_NUM Rollover. This bit is asserted when the replay counter
rolls over when a pending request or completion has not been
acknowledged.
7
BAD_DLLP(1)
rcu
Bad DLLP Error. This bit is asserted when an 8b/10b error was detected
by the PHY during the reception of a DLLP.
6
BAD_TLP(1)
rcu
Bad TLP Error. This bit is asserted when an 8b/10b error was detected
by the PHY during the reception of a TLP.
5:1
RSVD
r
Reserved. Returns zeros when read.
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com