Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 99 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 99 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 95Page - Texas Instruments TUSB7340 Datasheet HTML 96Page - Texas Instruments TUSB7340 Datasheet HTML 97Page - Texas Instruments TUSB7340 Datasheet HTML 98Page - Texas Instruments TUSB7340 Datasheet HTML 99Page - Texas Instruments TUSB7340 Datasheet HTML 100Page - Texas Instruments TUSB7340 Datasheet HTML 101Page - Texas Instruments TUSB7340 Datasheet HTML 102Page - Texas Instruments TUSB7340 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 122 page
background image
Table 8-164. Port Link Info Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:16
RSVD
r
Reserved. Returns zeros when read.
15:0
LINK_ERROR_COUNT
r
Link Error Count.
8.3.4 Host Controller Runtime Registers
These registers are used to read the current microframe and to control the interrupters of the TUSB73X0.
The offset in Table 8-165 is from the Runtime Base, which is the address programmed into the Base Address
Register 0 plus the value programmed into the Runtime Register Space Offset (see Runtime Register Space
Offset).
Table 8-165. Host Controller Runtime Register Map
REGISTER NAME
OFFSET
Microframe Index
00h
Reserved
04h-1Fh
Interrupter Register Set 0
20h-3Fh
Interrupter Register Set 1
40h-5Fh
Interrupter Register Set 2
60h-7Fh
Interrupter Register Set 3
80h-9Fh
Interrupter Register Set 4
A0h-BFh
Interrupter Register Set 5
C0h-DFh
Interrupter Register Set 6
E0h-FFh
Interrupter Register Set 7
100h-11Fh
8.3.4.1 Microframe Index Register
This register is used by the system software to determine the current periodic frame. The register value is
incremented every 125 microseconds.
Runtime Base register offset: 00h
Register type: Read-Only
Default value: 0000 0000h
Table 8-166. HC Runtime Register (Runtime Base + 00h)
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-167. Microframe Index Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:14
RSVD
r
Reserved. Returns zeros when read.
13:0
MICROFRAME_IDX
r
Microframe Index.
8.3.4.2 Interrupter Management Register
The TUSB73X0 implements 8 Interrupter Management Registers, one for each Interrupter implemented.
Runtime Base register offset: 20h + (20h × Interrupter), where Interrupter = 0 through 7
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
99
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com