Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 60 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 56Page - Texas Instruments TUSB7340 Datasheet HTML 57Page - Texas Instruments TUSB7340 Datasheet HTML 58Page - Texas Instruments TUSB7340 Datasheet HTML 59Page - Texas Instruments TUSB7340 Datasheet HTML 60Page - Texas Instruments TUSB7340 Datasheet HTML 61Page - Texas Instruments TUSB7340 Datasheet HTML 62Page - Texas Instruments TUSB7340 Datasheet HTML 63Page - Texas Instruments TUSB7340 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 122 page
background image
Table 8-70. Link Control 2 Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
4
ENTER_COMPL(1)
rw
Enter Compliance. This bit is sticky and is only reset by a Global Reset.
3:0
TGT_LINK_SPEED(1)
rw
Target Link Speed. This bit is sticky and is only reset by a Global Reset.
(1)
This bit is a sticky bit and is reset by a global reset (GRST) or the internally-generated power-on-reset.
8.1.48 Link Status 2 Register
The Link Status 2 Register indicates current state of the PCI Express Link.
PCI register offset: A2h
Register type: Read-only
Default value: 000xh
Table 8-71. PCI Register A2h
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
x
Table 8-72. Link Status 2 Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:1
RSVD
r
Reserved. Returns zeros when read.
0
DEEMPH_LEVEL
r
Current De-Emphasis Level.
8.1.49 Serial Bus Data Register
The Serial Bus Data register is used to read and write data on the serial bus interface. When writing data to
the serial bus, this register must be written before writing to the Serial Bus Address register to initiate the cycle.
When reading data from the serial bus, this register will contain the data read after the REQBUSY (bit 5 Serial
Bus Control Register) bit is cleared. This register is reset by a PCI Express reset (PERST#), a GRST#, or the
internally-generated power-on-reset.
PCI register offset: B0h
Register type: Read/Write
Default value: 00h
Table 8-73. PCI Register B0h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
60
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com