Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 28 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 24Page - Texas Instruments TUSB7340 Datasheet HTML 25Page - Texas Instruments TUSB7340 Datasheet HTML 26Page - Texas Instruments TUSB7340 Datasheet HTML 27Page - Texas Instruments TUSB7340 Datasheet HTML 28Page - Texas Instruments TUSB7340 Datasheet HTML 29Page - Texas Instruments TUSB7340 Datasheet HTML 30Page - Texas Instruments TUSB7340 Datasheet HTML 31Page - Texas Instruments TUSB7340 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 122 page
background image
7.2.2.4 1.1-V Regulator
To use only one power source, a 1.1-V regulator must be used.
1.1V REGULATOR
R33
R35
OUTPUT
1.13K 4.53K 1.0V
1.37K 4.42K 1.05V
1.87K 4.99K 1.1V (DEFAULT)
2.49K 4.99K 1.2V
EN1P1
SS1P1
FB_1PT1V
BOARD_1P1V
BOARD_3P3V
BOARD_3P3V
GRSTZ
pg2
D5
LED Green 0805
U5
TPS74401RGW T
OUT
1
IN
5
IN
6
IN
7
IN
8
PG
9
BIAS
10
EN
11
SS
15
FB
16
OUT
18
OUT
19
OUT
20
C69
10uF
R34
330
0402
5%
C85
0.1uF
C70
22uF
R32
4.7K
0402
5%
R31
10K
0402
5%
C71
0.01uF
R33
1.87K
0402
1%
C72
NOPOP
R35
4.99K
0402
1%
Figure 7-6. Reference Design 4
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com