Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 100 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 100 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 96Page - Texas Instruments TUSB7340 Datasheet HTML 97Page - Texas Instruments TUSB7340 Datasheet HTML 98Page - Texas Instruments TUSB7340 Datasheet HTML 99Page - Texas Instruments TUSB7340 Datasheet HTML 100Page - Texas Instruments TUSB7340 Datasheet HTML 101Page - Texas Instruments TUSB7340 Datasheet HTML 102Page - Texas Instruments TUSB7340 Datasheet HTML 103Page - Texas Instruments TUSB7340 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 122 page
background image
Register type: Read-Only, Read/Write
Default value: 0000 0000h
Table 8-168. HC Runtime Register (Runtime Base + 20h + (20h × Interrupter)),
where Interrupter = 0 through 7
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-169. Interrupter Management Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:2
RSVD
r
Reserved. Returns zeros when read.
1
IE
rw
Interrupt Enable.
0
IP
rc
Interrupt Pending.
8.3.4.3 Interrupter Moderation Register
The TUSB73X0 implements 8 Interrupter Moderation Registers, one for each Interrupter implemented.
Runtime Base register offset: 24h + (20h × Interrupter), where Interrupter = 0 through 7
Register type: Read/Write
Default value: 0000 0FA0h
Table 8-170. HC Runtime Register (Runtime Base + 24h + (20h × Interrupter)),
where Interrupter = 0 through 7
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
1
1
1
1
1
0
1
0
0
0
0
0
Table 8-171. Interrupter Management Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:16
IMODC
rw
Interrupt Moderation Counter.
15:0
IMODI
rw
Interrupt Moderation Interval.
8.3.4.4 Event Ring Segment Table Size Register
The TUSB73X0 implements 8 Event Ring Segment Table Size Registers, one for each Interrupter implemented.
Runtime Base register offset: 28h + (20h × Interrupter), where Interrupter = 0 through 7
Register type: Read-Only, Read/Write
Default value: 0000 0000h
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
100
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com