Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 70 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 66Page - Texas Instruments TUSB7340 Datasheet HTML 67Page - Texas Instruments TUSB7340 Datasheet HTML 68Page - Texas Instruments TUSB7340 Datasheet HTML 69Page - Texas Instruments TUSB7340 Datasheet HTML 70Page - Texas Instruments TUSB7340 Datasheet HTML 71Page - Texas Instruments TUSB7340 Datasheet HTML 72Page - Texas Instruments TUSB7340 Datasheet HTML 73Page - Texas Instruments TUSB7340 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 122 page
background image
8.1.64 USB Control Register
This register is a read/write register is used to control USB settings in the TUSB73X0. This register is reset by a
PCI Express reset (PERST#), a GRST#, or the internally-generated power-on-reset.
PCI register offset: E0h
Register type: Read/Write
Default value: 0000 0000h
Table 8-99. PCI Register E0h
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-100. USB Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31
USB_SPREAD_DIS(1)
rw
USB Spread Spectrum Disable. When this bit is set to 1, spread
spectrum generation for the USB 3.0 clock is disabled.
30
FREQ_SEL_EN(2)
rw
Frequency Select Enable. When this bit is set to 1, the oscillator is
restarted. This bit can only be written to once after power up.
29:24
PLL_FREQ_SEL(2)
r
PLL Frequency Select. If the FREQSEL pin is 1, then the value in this
field controls the Frequency Select inputs to the PLL. In addition, the
frequency selector inputs to the Oscillator are set appropriately for the
frequency selected. If the FREQSEL pin is 0, then this field has no effect.
Once the FREQ_SEL_EN bit has been set, this field will be locked and
cannot be changed.
23
HIDE_MSIX(1)
rw
Hide MSI-X. When this bit is set, the Next Item Pointer Register (offset
71h) for the PCI Express Capability is set to 00h, and BAR2 (offset 18h)
and BAR3 (offset 1Ch) are only zeros.
22
PWRON_POLARITY(2)
rw
PWRONx Polarity. When this bit is 0 (default), the PWRONx# pins are
active low and their internal pull-down resistors are enabled. When this
bit is 1, the PWRONx# pins are active high and their internal pull-down
resistors are disabled.
21:17
RSVD
r
Reserved. Returns zero when read.
16
PPC_NOT_PRESENT(1)
rw
Port Power Control Not Present. When this bit is 0, the TUSB73X0
forces the PPC bit to 1 in the Host Controller Capability Parameters,
indicating that the system supports port power switches. When this bit is
set to 1, the TUSB73X0 forces the PPC bit to 0 in the Host Controller
Capability Parameters, indicating that the system does not support port
power switches.
15:12
RSVD(1)
rw
Reserved. Returns zeros when read.
11
PORT4_DIS(1)
rw
USB Port 4 Disable. When this bit is set to 1, port 4 of the TUSB73X0
is disabled. For the TUSB7320 Port 4 is not present and this bit has no
effect.
10
PORT3_DIS(1)
rw
USB Port 3 Disable. When this bit is set to 1, port 3 of the TUSB73X0
is disabled. For the TUSB7320 Port 3 is not present and this bit has no
effect.
9
PORT2_DIS(1)
rw
USB Port 2 Disable. When this bit is set to 1, port 2 of the TUSB73X0 is
disabled.
8
PORT1_DIS(1)
rw
USB Port 1 Disable. When this bit is set to 1, port 1 of the TUSB73X0 is
disabled.
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
70
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com