Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 88 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 88 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 84Page - Texas Instruments TUSB7340 Datasheet HTML 85Page - Texas Instruments TUSB7340 Datasheet HTML 86Page - Texas Instruments TUSB7340 Datasheet HTML 87Page - Texas Instruments TUSB7340 Datasheet HTML 88Page - Texas Instruments TUSB7340 Datasheet HTML 89Page - Texas Instruments TUSB7340 Datasheet HTML 90Page - Texas Instruments TUSB7340 Datasheet HTML 91Page - Texas Instruments TUSB7340 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 122 page
background image
Table 8-136. HC Structural Parameters 3 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:16
U2_EXIT_LAT
r
U2 Device Exit Latency. This field is 07FFh to indicate that the worst
case latency for the TUSB73X0 to transition from U2 to U0 is 2047 µs.
15:8
RSVD
r
Reserved. Returns zeros when read.
7:0
U1_EXIT_LAT
r
U1 Device Exit Latency. This field is 0Ah to indicate that the worst case
latency for the TUSB73X0 to transition a root hub Port Link State from
U1 to U0 is 10 µs.
8.3.2.6 Host Controller Capability Parameters
This read only register defines capability parameters supported by the TUSB73X0.
BAR0 register offset: 10h
Register type: Read-Only
Default value: 0270 102Xh
Table 8-137. HC Capability Register 10h
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
1
0
0
1
1
1
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
1
1
1
1
0
0
0
0
0
1
1
0
x
1
0
1
Table 8-138. HC Capability Parameters Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:16
XECP
r
xHCI Extended Capabilities Pointer. This field is 0270h to indicate that
the beginning of the first xHCI Extended Capability is at an offset of
09C0h from the address programmed into the Base Address Register 0.
15:12
MAX_PSA_SIZE
r
Maximum Primary Stream Array Size. This field is 1111 to indicate that
the TUSB73X0 supports a Primary Stream Array size of 64K.
11:10
RSVD
r
Reserved. Returns zeros when read.
9
SBD
r
Secondary Bandwidth Domain Reporting. This bit is 0 to indicate that the
TUSB73X0 does not support Secondary Bandwidth Domain reporting.
8
FSE
r
Force Stopped Event. This bit is 0 to indicate that the TUSB73X0 does
not support Force Stopped Events.
7
NSS
r
No Secondary SID Support. This bit is 0 to indicate that the TUSB73X0
supports Secondary Stream ID decoding.
6
LTC
r
Latency Tolerance Messaging Capability. This bit is 1 to indicate that the
TUSB73X0 supports Latency Tolerance Messaging.
5
LHRC
r
Light HC Reset Capability. This bit is 1 to indicate that the TUSB73X0
supports Light Host Controller Resets.
4
PIND
r
Port Indicators. This bit is 0 to indicate that the TUSB73X0 does not
support port indicators.
3
PPC
r
Port Power Control. This value of this bit is determined by the
PPC_NOT_PRESENT bit in the USB Control Register.
2
CSZ
r
Context Size. This bit is 1 to indicate that the TUSB73X0 uses 64 byte
Context data structures.
1
BNC
r
Bandwidth Negotiation Capability. This bit is 0 to indicate that the
TUSB73X0 does not implement Bandwidth Negotiation.
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
88
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com