Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 95 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 91Page - Texas Instruments TUSB7340 Datasheet HTML 92Page - Texas Instruments TUSB7340 Datasheet HTML 93Page - Texas Instruments TUSB7340 Datasheet HTML 94Page - Texas Instruments TUSB7340 Datasheet HTML 95Page - Texas Instruments TUSB7340 Datasheet HTML 96Page - Texas Instruments TUSB7340 Datasheet HTML 97Page - Texas Instruments TUSB7340 Datasheet HTML 98Page - Texas Instruments TUSB7340 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 122 page
background image
8.3.3.8 Configure Register
This register defines runtime xHC configuration parameters.
Operational Base register offset: 38h
Register type: Read-Only, Read/Write
Default value: 0000 0000h
Table 8-155. HC Operational Register (Operational Base + 38h)
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-156. Configure Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:8
RSVD
r
Reserved. Returns zeros when read.
7:0
MAX_SLOTS_EN
rw
Max Device Slots Enabled.
8.3.3.9 Port Status and Control Register
The TUSB73X0 implements a Port Status and Control Register for each port that is implemented. The number
of Port Status and Control Registers is the same as the value in the MAX_PORTS field in the Host Controller
Structural Parameters 1 Register (see Host Controller Structural Parameters 1).
Operational Base register offset: 400h + (10h × (n-1))), where n = Port Number
Register type: Read-Only, Read/Write, Read/Clear
Default value: X000 02A0h
Table 8-157. HC Operational Register (Operational Base + 400h + (10h × (n-1))), where n = Port Number
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
x
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
1
0
1
0
1
0
0
0
0
0
Table 8-158. Port Status and Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31
WPR(1)
rc or r
Warm Port Reset. This field is only valid for USB 3.0 protocol ports. For
USB 2.0 protocol ports, this bit is reserved.
30
DR
r
Device Removable. The value of this bit depends on the value
programmed into the USBx_PORTy_NON_REM bit in the USB Control
Register that corresponds to the port number and port type associated
with this register.
29:28
RSVD
r
Reserved. Returns zeros when read.
27
WOE(1)
rw
Wake on Overcurrent Enable.
26
WDE(1)
rw
Wake on Disconnect Enable.
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com