Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 83 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 79Page - Texas Instruments TUSB7340 Datasheet HTML 80Page - Texas Instruments TUSB7340 Datasheet HTML 81Page - Texas Instruments TUSB7340 Datasheet HTML 82Page - Texas Instruments TUSB7340 Datasheet HTML 83Page - Texas Instruments TUSB7340 Datasheet HTML 84Page - Texas Instruments TUSB7340 Datasheet HTML 85Page - Texas Instruments TUSB7340 Datasheet HTML 86Page - Texas Instruments TUSB7340 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 122 page
background image
8.2.10 Header Log Register
The Header Log Register stores the TLP header for the packet that lead to the most recently detected error
condition. Offset 11Ch contains the first DWORD. Offset 128h contains the last DWORD (in the case of a 4DW
TLP header. Each DWORD is stored with the least significant byte representing the earliest transmitted.
PCI Express Extended Register Offset: 11Ch, 120h, 124h, 128h
Register type: Read-Only
Default value: 0000 0000h
Table 8-122. PCI Express Extended Register 11Ch, 120, 124h, and 128h
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
8.2.11 Device Serial Number Capability ID Register
This read-only register identifies the linked list item as the Device Serial Number Capability. This register returns
0003h when read.
PCI Express Extended Register Offset: 150h
Register type: Read-Only
Default value: 0003h
Table 8-123. Device Serial Number Capability ID Register
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
8.2.12 Next Capability Offset/Capability Version Register
This read-only register identifies the next location in the PCI Express Extended Capabilities link list. The upper
12 bits in this register are 000h, indicating that the Device Serial Number Capability is the last capability in the
list. The least significant four bits identify the revision of the current capability block as 1h.
PCI Express Extended Register Offset: 152h
Register type: Read-Only
Default value: 0001h
Table 8-124. Next Capability Offset/Capability Version Register
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com