Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 55 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 51Page - Texas Instruments TUSB7340 Datasheet HTML 52Page - Texas Instruments TUSB7340 Datasheet HTML 53Page - Texas Instruments TUSB7340 Datasheet HTML 54Page - Texas Instruments TUSB7340 Datasheet HTML 55Page - Texas Instruments TUSB7340 Datasheet HTML 56Page - Texas Instruments TUSB7340 Datasheet HTML 57Page - Texas Instruments TUSB7340 Datasheet HTML 58Page - Texas Instruments TUSB7340 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 122 page
background image
Table 8-54. Device Capabilities Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
4:3
PFS
r
Phantom Functions Supported. This field is read only 00b indicating that
function numbers are not used for phantom functions.
2:0
MPSS
r
Max Payload Size Supported. This field indicates the maximum payload
size that the device can support for TLPs. This field is encoded as 011b
indicating the Max Payload size for a TLP is 1 Kbyte.
8.1.40 Device Control Register
The Device Control Register controls PCI Express device specific parameters.
PCI register offset: 78h
Register type: Read/Write
Default value: 2810h
Table 8-55. PCI Register 78h
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
1
0
1
0
0
0
0
0
0
1
0
0
0
0
Table 8-56. Device Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15
INITIATE_FLR
rw
Initiate Function Level Reset. A write of 1b initiates Function Level Reset
to the Function. The value read by software from this bit is always 0b.
14:12
MRRS
rw
Max Read Request Size. This field is programmed by host software
to set the maximum size of a read request that the TUSB73X0 can
generate. This field is encoded as:
000 – 128B
001 – 256B
010 – 512B (default)
011 – 1024B
100 – 2048B101 – 4096B
110 – Reserved
111 – Reserved
11
ENS
rw
Enable No Snoop. Controls the setting of the No Snoop flag within the
TLP header for upstream memory transactions mapped to any traffic
class mapped to a virtual channel other than VC0 through the Upstream
Decode Windows.
0 – No snoop field is 0
1 – No snoop field is 1 (default)
10
APPE
rw
Auxiliary Power PM Enable. This bit is only reset by a Global Reset.
9
PFE
r
Phantom Function Enable. Because the TUSB73X0 does not support
phantom functions this bit is read only zero.
8
ETFE
rw
Extended Tag Field Enable.
7:5
MPS
rw
Max Payload Size.
4
ERO
rw
Enable Relaxed Ordering.
3
URRE
rw
Unsupported Request Reporting Enable.
2
FERE
rw
Fatal Error Reporting Enable.
1
NFERE
rw
Non-Fatal Error Reporting Enable.
0
CERE
rw
Correctable Error Reporting Enable.
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com