Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 63 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 59Page - Texas Instruments TUSB7340 Datasheet HTML 60Page - Texas Instruments TUSB7340 Datasheet HTML 61Page - Texas Instruments TUSB7340 Datasheet HTML 62Page - Texas Instruments TUSB7340 Datasheet HTML 63Page - Texas Instruments TUSB7340 Datasheet HTML 64Page - Texas Instruments TUSB7340 Datasheet HTML 65Page - Texas Instruments TUSB7340 Datasheet HTML 66Page - Texas Instruments TUSB7340 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 122 page
background image
8.1.53 GPIO Control Register
This register is used to control the direction of the eight GPIO pins. This register is reset by a PCI Express reset
(PERST#), a GRST#, or the internally-generated power-on-reset.
PCI register offset: B4h
Register type: Read/Write, Read-Only
Default value: 0000h
Table 8-79. PCI Register B4h
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-80. GPIO Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:4
RSVD
r
Reserved. Returns zero when read.
3
GPIO3_DIR(1)
rw
GPIO 3 Data Direction. This bit selects whether GPIO3 is in input or
output mode.
0 – Input
1 – Output
2
GPIO2_DIR(1)
rw
GPIO 2 Data Direction. This bit selects whether GPIO2 is in input or
output mode.
0 – Input
1 – Output
1
GPIO1_DIR(1)
rw
GPIO 1 Data Direction. This bit selects whether GPIO1 is in input or
output mode.
0 – Input
1 – Output
0
GPIO0_DIR(1)
rw
GPIO 0 Data Direction. This bit selects whether GPIO0 is in input or
output mode.
0 – Input
1 – Output
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on-reset.
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com