Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 61 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 57Page - Texas Instruments TUSB7340 Datasheet HTML 58Page - Texas Instruments TUSB7340 Datasheet HTML 59Page - Texas Instruments TUSB7340 Datasheet HTML 60Page - Texas Instruments TUSB7340 Datasheet HTML 61Page - Texas Instruments TUSB7340 Datasheet HTML 62Page - Texas Instruments TUSB7340 Datasheet HTML 63Page - Texas Instruments TUSB7340 Datasheet HTML 64Page - Texas Instruments TUSB7340 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 122 page
background image
8.1.50 Serial Bus Index Register
The value written to the Serial Bus Index register represents the byte address of the byte being read or written
from the serial bus device. The Serial Bus Index register must be written before the before initiating a serial
bus cycle by writing to the Serial Bus target Address register. This register is reset by a PCI Express reset
(PERST#), a GRST#, or the internally-generated power-on-reset.
PCI register offset: B1h
Register type: Read/Write
Default value: 00h
Table 8-74. PCI Register B1h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
8.1.51 Serial Bus Target Address Register
The Serial Bus target Address register is used to indicate the address of the device being targeted by the serial
bus cycle. This register also indicates if the cycle will be a read or a write cycle. Writing to this register initiates
the cycle on the serial interface. This register is reset by a PCI Express reset (PERST#), a GRST#, or the
internally-generated power-on-reset.
PCI register offset: B2h
Register type: Read/Write
Default value: 00h
Table 8-75. PCI Register B2h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 8-76. Serial Bus Target Address Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:1
TARGET_ADDR(1)
rw
Serial Bus Target Address. This bit field represents the target address of
a read or write transaction on the serial interface.
0
RW_CMD(1)
rw
Read/Write Command. This bit is used to determine if the serial bus
cycle will be a read or a write cycle.
0 – A single byte write is requested.
1 – A single byte read is requested.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on-reset.
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com