Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 90 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 86Page - Texas Instruments TUSB7340 Datasheet HTML 87Page - Texas Instruments TUSB7340 Datasheet HTML 88Page - Texas Instruments TUSB7340 Datasheet HTML 89Page - Texas Instruments TUSB7340 Datasheet HTML 90Page - Texas Instruments TUSB7340 Datasheet HTML 91Page - Texas Instruments TUSB7340 Datasheet HTML 92Page - Texas Instruments TUSB7340 Datasheet HTML 93Page - Texas Instruments TUSB7340 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 122 page
background image
8.3.3 Host Controller Operational Registers
These registers control the operation of the TUSB73X0. The offset in Table 8-141 is from the Operational
Base, which is the address programmed into the Base Address Register 0 plus the value programmed into the
Capability Registers Length (see Capability Registers Length).
Table 8-141. Host Controller Operational Register Map
REGISTER NAME
OFFSET
USB Command
00h
USB Status
04h
Page Size
08h
Reserved
0Ch-13h
Device Notification Control
14h
Command Ring Control
18h-1Fh
Reserved
20h-2Fh
Device Context Base Address Array Pointer
30h-37h
Configure
38h
Reserved
3Ch-3FFh
Port Register Set 1-8
400h-47Fh
8.3.3.1 USB Command Register
This register indicates the command to be executed by the TUSB73X0.
Operational Base register offset: 00h
Register type: Read-Only, Read/Write
Default value: 0000 0000h
Table 8-142. HC Operational Register (Operational Base + 00h)
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
90
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com