Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 62 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 58Page - Texas Instruments TUSB7340 Datasheet HTML 59Page - Texas Instruments TUSB7340 Datasheet HTML 60Page - Texas Instruments TUSB7340 Datasheet HTML 61Page - Texas Instruments TUSB7340 Datasheet HTML 62Page - Texas Instruments TUSB7340 Datasheet HTML 63Page - Texas Instruments TUSB7340 Datasheet HTML 64Page - Texas Instruments TUSB7340 Datasheet HTML 65Page - Texas Instruments TUSB7340 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 122 page
background image
8.1.52 Serial Bus Control and Status Register
The Serial Bus Control and Status register is used to control the behavior of the Serial bus interface. This
register also provides status information about the state of the serial bus. This register is reset by a PCI Express
reset (PERST#), a GRST#, or the internally-generated power-on-reset.
PCI register offset: B3h
Register type: Read/Write, Read-Only, Read/Clear
Default value: 00h
Table 8-77. PCI Register B3h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 8-78. Serial Bus Control and Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7
PROT_SEL(1)
rw
Protocol Select. This bit is used to select the serial bus address mode
used.
0 – target Address and Byte Address are sent on the serial bus.
1 – Only the target address is sent on the serial bus.
6
RSVD
r
Reserved. Returns zero when read.
5
REQBUSY(1)
r
Requested Serial Bus Access Busy. This bit is set when a serial bus
cycle is in progress.
0 – No serial bus cycle
1 – Serial bus cycle in progress
4
ROMBUSY(1)
r
Serial EEPROM Access Busy. This bit is set when the serial EEPROM
circuitry in the TUSB73X0 is downloading register defaults from a serial
EEPROM.
0 – No EEPROM activity
1 – EEPROM download in progress
3
SBDETECT(1)
rwu
Serial EEPROM Detected. This bit is automatically set when a serial
EEPROM is detected by the TUSB73X0. The value of this bit is used
to enable the serial bus interface and to control whether or not the
EEPROM load takes place. Note that a serial EEPROM is only detected
once following a PERST# or a GRST#.
0 – No EEPROM present, EEPROM load process does not happen
1 – EEPROM present, EEPROM load process takes place
Note that even if a serial EERPOM is not detected following PERST# or
a GRST#, software can still set this bit to enable the serial bus interface.
In this situation, the EEPROM load process will not happen.
2
SBTEST(1)
rw
Serial Bus Test. This bit is used for internal test purposes. This bit
controls the clock source for the serial interface clock.
0 – Serial bus clock at normal operating frequency ~ 100 kHz
1 – Serial bus clock frequency increased for test purposes
1
SB_ERR(1)
rc
Serial Bus Error. This bit is set when an error occurs during a software
initiated serial bus cycle.
0 – No error
1 – Serial bus error
0
ROM_ERR(1)
rc
Serial EEPROM Load Error. This bit is set when an error occurs while
downloading registers from a serial EEPROM.
0 – No Error
1 – EEPROM load error
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on-reset.
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
62
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com