Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 77 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 73Page - Texas Instruments TUSB7340 Datasheet HTML 74Page - Texas Instruments TUSB7340 Datasheet HTML 75Page - Texas Instruments TUSB7340 Datasheet HTML 76Page - Texas Instruments TUSB7340 Datasheet HTML 77Page - Texas Instruments TUSB7340 Datasheet HTML 78Page - Texas Instruments TUSB7340 Datasheet HTML 79Page - Texas Instruments TUSB7340 Datasheet HTML 80Page - Texas Instruments TUSB7340 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 122 page
background image
Table 8-111. Custom PHY Transmit/Receive Control Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
11:5
RSVD
r
Reserved. Returns zeros when read.
4
DLL_ERROR(1)
rcu
Data Link Protocol Error. This bit is asserted if a data link layer protocol
error is detected.
3:0
RSVD
r
Reserved. Returns zeros when read.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on-reset.
8.2.5 Uncorrectable Error Mask Register
The Uncorrectable Error Mask Register controls the reporting of individual errors as they occur. When a bit is set
to one, the corresponding error condition will not be logged, and does not update any of the status bits within the
Extended Error Reporting Capability block.
PCI Express Extended Register Offset: 108h
Register type: Read-Only, Read/Write
Default value: 0000 0000h
Table 8-112. PCI Express Extended Register 108h
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-113. Bit Descriptions – Uncorrectable Error Mask Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:21
RSVD
r
Reserved. Returns zeros when read.
20
UR_ERROR_MASK(1)
rw
Unsupported Request Error Mask.
0 – Error Condition is Unmasked
1 – Error Condition is Masked
19
ECRC_ERROR_MASK(1)
rw
Extended CRC Error Mask.
0 – Error Condition is Unmasked
1 – Error Condition is Masked
18
MAL_TLP_MASK(1)
rw
Malformed TLP Mask.
0 – Error Condition is Unmasked
1 – Error Condition is Masked
17
RX_OVERFLOW_MASK(1)
rw
Receiver Overflow Mask.
0 – Error Condition is Unmasked
1 – Error Condition is Masked
16
UNXP_CPL_MASK(1)
rw
Unexpected Completion Mask.
0 – Error Condition is Unmasked
1 – Error Condition is Masked
15
CPL_ABORT_MASK(1)
rw
Completer Abort Mask.
0 – Error Condition is Unmasked
1 – Error Condition is Masked
14
CPL_TIMEOUT_MASK(1)
rw
Completion Timeout Mask.
0 – Error Condition is Unmasked
1 – Error Condition is Masked
13
FC_ERROR_MASK(1)
rw
Flow Control Error Mask.
0 – Error Condition is Unmasked
1 – Error Condition is Masked
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com