Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 74 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 70Page - Texas Instruments TUSB7340 Datasheet HTML 71Page - Texas Instruments TUSB7340 Datasheet HTML 72Page - Texas Instruments TUSB7340 Datasheet HTML 73Page - Texas Instruments TUSB7340 Datasheet HTML 74Page - Texas Instruments TUSB7340 Datasheet HTML 75Page - Texas Instruments TUSB7340 Datasheet HTML 76Page - Texas Instruments TUSB7340 Datasheet HTML 77Page - Texas Instruments TUSB7340 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 122 page
background image
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-106. Custom PHY Transmit/Receive Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:27
RSVD
r
Reserved. Returns zeros when read.
26
PORT4_EQ_OV(1)
rw
Port 4 Equalization Override. When this bit is set to 1, the TUSB73X0
overrides the default equalization settings for port 4 with the values
in the PORT4_EQ_FUNC field and the PORT4_EQ_INIT field of the
Equalizer Control Register. For the TUSB7320 Port 4 is not present and
this bit has no effect.
25
PORT4_SWING_OV(1)
rw
Port 4 Swing Override. When this bit is set to 1, the TUSB73X0
overrides the default swing settings for port 4 with the values in the
PORT4_SWING field of the De-emphasis and Swing Control Register.
For the TUSB7320 Port 4 is not present and this bit has no effect.
24
PORT4_DE_OV(1)
rw
Port 4 De-emphasis Override. When this bit is set to 1, the TUSB73X0
overrides the default de-emphasis settings for port 4 with the values in
the PORT4_DE field of the De-emphasis and Swing Control Register.
For the TUSB7320 Port 4 is not present and this bit has no effect.
23:19
RSVD
r
Reserved. Returns zeros when read.
18
PORT3_EQ_OV(1)
rw
Port 3 Equalization Override. When this bit is set to 1, the TUSB73X0
overrides the default equalization settings for port 3 with the values
in the PORT3_EQ_FUNC field and the PORT3_EQ_INIT field of the
Equalizer Control Register. For the TUSB7320 Port 3 is not present and
this bit has no effect.
17
PORT3_SWING_OV(1)
rw
Port 3 Swing Override. When this bit is set to 1, the TUSB73X0
overrides the default swing settings for port 3 with the values in the
PORT3_SWING field of the De-emphasis and Swing Control Register.
For the TUSB7320 Port 3 is not present and this bit has no effect.
16
PORT3_DE_OV(1)
rw
Port 3 De-emphasis Override. When this bit is set to 1, the TUSB73X0
overrides the default de-emphasis settings for port 3 with the values in
the PORT3_DE field of the De-emphasis and Swing Control Register.
For the TUSB7320 Port 3 is not present and this bit has no effect.
15:11
RSVD
r
Reserved. Returns zeros when read.
10
PORT2_EQ_OV(1)
rw
Port 2 Equalization Override. When this bit is set to 1, the TUSB73X0
overrides the default equalization settings for port 2 with the values
in the PORT2_EQ_FUNC field and the PORT2_EQ_INIT field of the
Equalizer Control Register.
9
PORT2_SWING_OV(1)
rw
Port 2 Swing Override. When this bit is set to 1, the TUSB73X0
overrides the default swing settings for port 2 with the values in the
PORT2_SWING field of the De-emphasis and Swing Control Register.
8
PORT2_DE_OV(1)
rw
Port 2 De-emphasis Override. When this bit is set to 1, the TUSB73X0
overrides the default de-emphasis settings for port 2 with the values in
the PORT2_DE field of the De-emphasis and Swing Control Register.
7:3
RSVD
r
Reserved. Returns zeros when read.
2
PORT1_EQ_OV(1)
rw
Port 1 Equalization Override. When this bit is set to 1, the TUSB73X0
overrides the default equalization settings for port 1 with the values
in the PORT1_EQ_FUNC field and the PORT1_EQ_INIT field of the
Equalizer Control Register.
1
PORT1_SWING_OV(1)
rw
Port 1 Swing Override. When this bit is set to 1, the TUSB73X0
overrides the default swing settings for port 1 with the values in the
PORT1_SWING field of the De-emphasis and Swing Control Register.
0
PORT1_DE_OV(1)
rw
Port 1 De-emphasis Override. When this bit is set to 1, the TUSB73X0
overrides the default de-emphasis settings for port 1 with the values in
the PORT1_DE field of the De-emphasis and Swing Control Register.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on-reset.
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
74
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com