Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 75 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 71Page - Texas Instruments TUSB7340 Datasheet HTML 72Page - Texas Instruments TUSB7340 Datasheet HTML 73Page - Texas Instruments TUSB7340 Datasheet HTML 74Page - Texas Instruments TUSB7340 Datasheet HTML 75Page - Texas Instruments TUSB7340 Datasheet HTML 76Page - Texas Instruments TUSB7340 Datasheet HTML 77Page - Texas Instruments TUSB7340 Datasheet HTML 78Page - Texas Instruments TUSB7340 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 122 page
background image
8.2 PCI Express Extended Configuration Space
8.2.1 The PCI Express Extended Configuration Map
Table 8-107. PCI Express Extended Configuration Register Map
REGISTER NAME
OFFSET
Next Capability Offset / Capability Version
PCI Express Advanced Error Reporting
Capabilities ID
100h
Uncorrectable Error Status Register
104h
Uncorrectable Error Mask Register
108h
Uncorrectable Error Severity Register
10Ch
Correctable Error Status Register
110h
Correctable Error Mask Register
114h
Advanced Error Capabilities and Control Register
118h
Header Log Register
11Ch
Header Log Register
120h
Header Log Register
124h
Header Log Register
128h
Reserved
12Ch-14Fh
Next Capability Offset / Capability Version
Device Serial Number Capability ID
150h
Serial Number Register (Lower DW)
154h
Serial Number Register (Upper DW)
158h
Reserved
15C-FFFh
8.2.2 Advanced Error Reporting Capability Register
This read-only register identifies the linked list item as the register for PCI Express Advanced Error Reporting
Capabilities. The register returns 0001h when read.
PCI Express Extended Register Offset: 100h
Register type: Read-Only
Default value: 0001h
Table 8-108. PCI Express Extended Register 100h
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com