Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 59 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 55Page - Texas Instruments TUSB7340 Datasheet HTML 56Page - Texas Instruments TUSB7340 Datasheet HTML 57Page - Texas Instruments TUSB7340 Datasheet HTML 58Page - Texas Instruments TUSB7340 Datasheet HTML 59Page - Texas Instruments TUSB7340 Datasheet HTML 60Page - Texas Instruments TUSB7340 Datasheet HTML 61Page - Texas Instruments TUSB7340 Datasheet HTML 62Page - Texas Instruments TUSB7340 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 122 page
background image
Table 8-66. Device Capabilities 2 Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:5
RSVD
r
Reserved. Returns zeros when read.
4
CPLT_TO_DIS_SUP
r
Completion Timeout Disable Supported. This bit is read only 1b
indicating that the completion timeout disable mechanism is supported.
3:0
CPLT_TO_RANGES
r
Completion Timeout Ranges Supported. This field is read only 0000b
indicating that completion timeout programming is not supported.
8.1.46 Device Control 2 Register
The Device Control 2 Register controls PCI Express device specific parameters.
PCI register offset: 98h
Register type: Read-only, Read/Write
Default value: 0800h
Table 8-67. PCI Register 98h
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
Table 8-68. Device Control 2 Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:5
RSVD
r
Reserved. Returns zeros when read.
4
CPTL_TO_DIS
rw
Completion Timeout Disable.
3:0
CPLT_TO_VALUE
r
Completion Timeout Value. This field is read only 0000b indicating that
completion timeout programming is not supported.
8.1.47 Link Control 2 Register
The Link Control 2 Register indicates is used to control link specific behavior.
PCI register offset: A0h
Register type: Read-only, Read/Write
Default value: 0000h
Table 8-69. PCI Register A0h
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
Table 8-70. Link Control 2 Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:13
RSVD
r
Reserved. Returns zeros when read.
12
COMPLIANCE_DEEMPH(1)
rw
Compliance De-Emphasis. This bit is sticky and is only reset by a Global
Reset.
11
COMPLIANCE_SOS(1)
rw
Compliance SOS. This bit is sticky and is only reset by a Global Reset.
10
ENT_MOD_COMPLIANCE
(1)
rw
Enter Modified Compliance. This bit is sticky and is only reset by a
Global Reset.
9:7
TRANSMIT_MARGIN(1)
rw
Transmit Margin. This bit is sticky and is only reset by a Global Reset.
6
SEL_DEEMPH
r
Selectable De-Emphasis. This bit has no function and is read only zero.
5
HW_AUTO_SPEED_DIS
r
Hardware Autonomous Speed Disable. This bit is read only zero
because this function is not supported.
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com