Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 57 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 53Page - Texas Instruments TUSB7340 Datasheet HTML 54Page - Texas Instruments TUSB7340 Datasheet HTML 55Page - Texas Instruments TUSB7340 Datasheet HTML 56Page - Texas Instruments TUSB7340 Datasheet HTML 57Page - Texas Instruments TUSB7340 Datasheet HTML 58Page - Texas Instruments TUSB7340 Datasheet HTML 59Page - Texas Instruments TUSB7340 Datasheet HTML 60Page - Texas Instruments TUSB7340 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 122 page
background image
Table 8-60. Link Capabilities Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
17:15
L1_LATENCY
r
L1 Exit Latency. This field indicates the time that it takes to transition
from the L1 state to the L0 state. The value reported by this
field is determined by either the L1_EXIT_LAT_ASYNC field or the
L1_EXIT_LAT_COMMON field in the General Control Register 0.
14:12
L0S_LATENCY
r
L0s Exit Latency. This field indicates the time that it takes to transition
from the L0s state to the L0 state. The value reported by this
field is determined by either the L0s_EXIT_LAT_ASYNC field or the
L0s_EXIT_LAT_COMMON field in the General Control Register 0.
11:10
ASLPMS
r
Active State Link PM Support. This field indicates the level of active
state power management that the TUSB73X0 supports. The value
11b indicates support for both L0s and L1 through active state power
management.
9:4
MLW
r
Maximum Link Width. This field is encoded 000001b to indicate that the
TUSB73X0 only supports a 1x PCI Express link.
3:0
MLS
r
Maximum Link Speed. This field is encoded 0010b to indicate that the
TUSB73X0 supports link speeds of 5 Gb/s and 2.5 Gb/s.
8.1.43 Link Control Register
The Link Control Register indicates is used to control link specific behavior.
PCI register offset: 80h
Register type: Read-only, Read/Write
Default value: 0000h
Table 8-61. PCI Register 80h
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-62. Link Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:9
RSVD
r
Reserved. Returns zeros when read.
8
EN_CPM
rw
Enable Clock Power Management.
7
ES
rw
Extended Synch.
6
CCC
rw
Common Clock Configuration. This bit is set when a common clock is
provided to both ends of the PCI Express link. This bit is also used to
select the L0s exit latency and L1 exit latency.
0 – Reference clock is asynchronous (L0s exit latency and
L1 exit latency based on the L0s_EXIT_LAT_ASYNC and
L1_EXIT_LAT_ASYNC fields in the General Control Register 0)
1 – Reference clock is synchronous (L0s exit latency and L1 exit latency
based on the L0s_EXIT_LAT_COMMON and L1_EXIT_LAT_COMMON
fields in the General Control Register 0)
5
RL
r
Retrain Link. This bit has no function and is read only zero.
4
LD
r
Link Disable. This bit has no function and is read only zero.
3
RCB
rw
Read Completion Boundary.
2
RSVD
r
Reserved. Returns zero when read.
1:0
ASLPMC
rw
Active State Link PM Control. This field is used to enable and disable
active state PM.
00 – Active State PM Disabled
01 – L0s Entry Enabled
10 – L1 Entry Enabled
11 – L0s and L1 Entry Enable
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com