Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 81 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 77Page - Texas Instruments TUSB7340 Datasheet HTML 78Page - Texas Instruments TUSB7340 Datasheet HTML 79Page - Texas Instruments TUSB7340 Datasheet HTML 80Page - Texas Instruments TUSB7340 Datasheet HTML 81Page - Texas Instruments TUSB7340 Datasheet HTML 82Page - Texas Instruments TUSB7340 Datasheet HTML 83Page - Texas Instruments TUSB7340 Datasheet HTML 84Page - Texas Instruments TUSB7340 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 122 page
background image
8.2.8 Correctable Error Mask Register
The Correctable Error Status Register reports the status of individual errors as they occur. Software may clear
these bits only by writing a 1 to the desired location.
PCI Express Extended Register Offset: 114h
Register type: Read-Only, Read/Write
Default value: 0000 2000h
Table 8-118. PCI Express Extended Register 114h
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-119. Bit Descriptions – Correctable Error Mask Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:14
RSVD
r
Reserved. Returns zeros when read.
13
ANFEM(1)
rw
Advisory Non-Fatal Error Mask.
0 – Error Condition is Unmasked
1 – Error Condition is Masked
12
REPLAY_TMOUT_MASK(1)
rw
Replay Timer Timeout Mask.
0 – Error Condition is Unmasked
1 – Error Condition is Masked
11:9
RSVD
r
Reserved. Returns zeros when read.
8
REPLAY_ROLL_MASK(1)
rw
REPLAY_NUM Rollover Mask.
0 – Error Condition is Unmasked
1 – Error Condition is Masked
7
BAD_DLLP_MASK(1)
rw
Bad DLLP Error Mask.
0 – Error Condition is Unmasked
1 – Error Condition is Masked
6
BAD_TLP_MASK(1)
rw
Bad TLP Error Mask.
0 – Error Condition is Unmasked
1 – Error Condition is Masked
5:1
RSVD
r
Reserved. Returns zeros when read.
0
RX_ERROR_MASK(1)
rw
Receiver Error Mask.
0 – Error Condition is Unmasked
1 – Error Condition is Masked
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on-reset.
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
81
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com