Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 54 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 50Page - Texas Instruments TUSB7340 Datasheet HTML 51Page - Texas Instruments TUSB7340 Datasheet HTML 52Page - Texas Instruments TUSB7340 Datasheet HTML 53Page - Texas Instruments TUSB7340 Datasheet HTML 54Page - Texas Instruments TUSB7340 Datasheet HTML 55Page - Texas Instruments TUSB7340 Datasheet HTML 56Page - Texas Instruments TUSB7340 Datasheet HTML 57Page - Texas Instruments TUSB7340 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 122 page
background image
8.1.39 Device Capabilities Register
The Device Capabilities Register indicates the device specific capabilities of the TUSB73X0.
PCI register offset: 74h
Register type: Read-only, Hardware Update
Default value: 0000 8FC3h
Table 8-53. PCI Register 74h
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
1
0
0
0
1
1
1
1
1
1
0
0
0
0
1
1
Table 8-54. Device Capabilities Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:29
RSVD
r
Reserved. Return zeros when read.
28
FLR
r
Function Level Reset. This bit is set to 0 because the TUSB73X0 has
only one function.
27:26
CSPLS
ru
Captured Slot Power Limit Scale. The value in this register is
programmed by the host by issuing a Set_Slot_Power_Limit Message.
When a Set_Slot_Power_Limit Message is received bits 9:8 are written
to this field. The value in this register specifies the scale used for the Slot
Power Limit.
00 – 1.0x
01 – 0.1x
10 – 0.01x
11 – 0.001x
25:18
CSPLV
ru
Captured Slot power Limit Value. The value in this register is
programmed by the host by issuing a Set_Slot_Power_Limit Message.
When a Set_Slot_Power_Limit Message is received bits 7:0 are written
to this field. The value in this register in combination with the Slot power
Limit Scale value, specifies the upper limit of power supplied to the slot.
The power limit is calculated by multiplying the value in this field by the
value in the Slot Power Limit Scale field.
17:16
RSVD
r
Reserved. Return zeros when read.
15
RBER
r
Role Based Error Reporting. This bit is hardwired to 1 indicating that the
TUSB73X0 supports Role Based Error Reporting
14:12
RSVD
r
Reserved. Return zeros when read.
11:9
EP_L1_LAT
r
Endpoint L1 Acceptable Latency. This field indicates the acceptable
latency for a transition from L1 to L0 State. This field can be
programmed by writing to the L1_LATENCY field in the General Control
Register 2. The default value for this register is the latency for the PHY
to exit the L1 state. This field cannot be programmed to be less than the
latency for the PHY to exit the L1 state.
8:6
EP_L0S_LAT
r
Endpoint L0s Acceptable Latency. This field indicates the acceptable
latency for a transition from L0s to L0 State. This field can be
programmed by writing to the L0s_LATENCY field in the General Control
Register 2. The default value for this register is the latency for the PHY
to exit the L0s state. This field cannot be programmed to be less than
the latency for the PHY to exit the L0s state.
5
ETFS
r
Extended Tag Field Supported. This field indicates the size of the tag
field and is encoded as 0.
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
54
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com