Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 92 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 88Page - Texas Instruments TUSB7340 Datasheet HTML 89Page - Texas Instruments TUSB7340 Datasheet HTML 90Page - Texas Instruments TUSB7340 Datasheet HTML 91Page - Texas Instruments TUSB7340 Datasheet HTML 92Page - Texas Instruments TUSB7340 Datasheet HTML 93Page - Texas Instruments TUSB7340 Datasheet HTML 94Page - Texas Instruments TUSB7340 Datasheet HTML 95Page - Texas Instruments TUSB7340 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 122 page
background image
Table 8-146. USB Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:13
RSVD
r
Reserved. Returns zeros when read.
12
HCE
r
Host Controller Error
11
CNR
r
Controller Not Ready
10
SRE
rc
Save/Restore Error.
9
RSS
r
Restore State Status.
8
SSS
r
Save State Status.
7:5
RSVD
r
Reserved. Returns zeros when read.
4
PCD
rc
Port Change Detect
3
EINT
rc
Event Interrupt.
2
HSE
rc
Host System Error.
1
RSVD
r
Reserved. Returns zeros when read.
0
HCH
r
HC Halted.
8.3.3.4 Page Size Register
This register indicates the page size supported by the TUSB73X0.
Operational Base register offset: 08h
Register type: Read-Only
Default value: 0000 0001h
Table 8-147. HC Operational Register (Operational Base + 08h)
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Table 8-148. Page Size Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:16
RSVD
r
Reserved. Returns zeros when read.
15:0
PAGE_SIZE
r
Page Size. The TUSB73X0 supports a 4k byte page size, so this field is
set to 0000 0001h.
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
92
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com