Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 104 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 100Page - Texas Instruments TUSB7340 Datasheet HTML 101Page - Texas Instruments TUSB7340 Datasheet HTML 102Page - Texas Instruments TUSB7340 Datasheet HTML 103Page - Texas Instruments TUSB7340 Datasheet HTML 104Page - Texas Instruments TUSB7340 Datasheet HTML 105Page - Texas Instruments TUSB7340 Datasheet HTML 106Page - Texas Instruments TUSB7340 Datasheet HTML 107Page - Texas Instruments TUSB7340 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 122 page
background image
Table 8-181. xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 00h) (continued)
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
1
Table 8-182. USB Legacy Support Capability Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:25
RSVD
r
Reserved. Returns zeros when read.
24
HC_OS_SEMA
rw
HC OS Owned Semaphore.
23:17
RSVD
r
Reserved. Returns zeros when read.
16
HC_BIOS_SEMA
rw
HC BIOS Owned Semaphore.
15:8
NEXT_CAP
r
Next Capability Pointer. This field is 04h, indicating that the xHCI
Supported Protocol Capability for USB 2.0 starts at offset 10h from the
xHCI Extended Capabilities Base.
7:0
CAPABILITY_ID
r
Capability ID. This field is 01h, identifying this capability as a USB
Legacy Support Capability.
8.3.6.2 USB Legacy Support Control/Status Register
This register is used by BIOS software to enable System Management Interrupts.
xHCI Extended Capabilities Base register offset: 04h
Register type: Read-Only, Read/Clear
Default value: 0000 0000h
Table 8-183. xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 04h)
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-184. USB Legacy Support Control/Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31
SMI_BAR
rc
SMI on BAR.
30
SMI_PCI_COM
rc
SMI on PCI Command.
29
SMI_OS_CHANGE
rc
SMI on OS Ownership Change.
28:21
RSVD
r
Reserved. Returns zeros when read.
20
SMI_HOST_SYS_ERR
r
SMI on Host System Error.
19:17
RSVD
r
Reserved. Returns zeros when read.
16
SMI_EVENT_INT
r
SMI on Event Interrupt.
15
SMI_BAR_EN
rw
SMI on BAR Enable.
14
SMI_PCI_COM_EN
rw
SMI on PCI Command Enable.
13
SMI_OS_EN
rw
SMI on OS Ownership Enable.
12:5
RSVD
r
Reserved. Returns zeros when read.
4
SMI_HOST_SYS_ERR_EN
rw
SMI on Host System Error Enable.
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
104
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com