Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 105 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 105 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 101Page - Texas Instruments TUSB7340 Datasheet HTML 102Page - Texas Instruments TUSB7340 Datasheet HTML 103Page - Texas Instruments TUSB7340 Datasheet HTML 104Page - Texas Instruments TUSB7340 Datasheet HTML 105Page - Texas Instruments TUSB7340 Datasheet HTML 106Page - Texas Instruments TUSB7340 Datasheet HTML 107Page - Texas Instruments TUSB7340 Datasheet HTML 108Page - Texas Instruments TUSB7340 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 122 page
background image
Table 8-184. USB Legacy Support Control/Status Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
3:1
RSVD
r
Reserved. Returns zeros when read.
0
USB_SMI_EN
rw
USB SMI Enable.
8.3.6.3 xHCI Supported Protocol Capability Register (USB 2.0)
This register indicates that the Supported Protocol Capability is for USB 2.0.
xHCI Extended Capabilities Base register offset: 10h
Register type: Read-Only
Default value: 0200 0402h
Table 8-185. xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 10h)
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
1
0
0
0
0
0
0
0
0
1
0
Table 8-186. xHCI Supported Protocol Capability Register (USB 2.0) Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:24
MAJOR_REV
r
Major Revision. This field is 02h, because this Supported Protocol
Capability is for release 2.0 of the USB specification.
23:16
MINOR_REV
r
Minor Revision. This field is 00h, because this Supported Protocol
Capability is for release 2.0 of the USB specification.
15:8
NEXT_CAP
r
Next Capability Pointer. This field is 04h, indicating that the xHCI
Supported Protocol Capability for USB 3.0 starts at offset 20h from the
xHCI Extended Capabilities Base.
7:0
CAPABILITY_ID
r
Capability ID. This field is 02h, identifying this capability as a Supported
Protocol Capability.
8.3.6.4 xHCI Supported Protocol Name String Register (USB 2.0)
This read only register is set to 2042 5355h, indicating that the Supported Protocol Capability is for USB 2.0.
xHCI Extended Capabilities Base register offset: 14h
Register type: Read-Only
Default value: 2042 5355h
Table 8-187. xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 14h)
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
1
0
0
0
0
0
0
1
0
0
0
0
1
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
1
0
1
0
0
1
1
0
1
0
1
0
1
0
1
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
105
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com